Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC79XXCT Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części MC79XXCT
Szczegółowy opis  3-Terminal Fixed Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MC79XXCT Arkusz danych(HTML) 3 Page - Vishay Siliconix

  MC79XXCT Datasheet HTML 1Page - Vishay Siliconix MC79XXCT Datasheet HTML 2Page - Vishay Siliconix MC79XXCT Datasheet HTML 3Page - Vishay Siliconix MC79XXCT Datasheet HTML 4Page - Vishay Siliconix MC79XXCT Datasheet HTML 5Page - Vishay Siliconix MC79XXCT Datasheet HTML 6Page - Vishay Siliconix MC79XXCT Datasheet HTML 7Page - Vishay Siliconix MC79XXCT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics – MC7906
Vin = –11V, Iout = 500mA, Cin = 2
µF, Cout = 1µF; TJ = 0°C to 125°C, unless otherwise noted.
Parameter
Symbol
Test
Conditions
Min.
Typ.
Max.
Unit
Circuit
TJ = 25°C
–5.88
–6.0
–6.12
V
Output Voltage
Vo
1
Vin = –8 to –21V,
–5.82
—–6.18
Io = 5mA to 1A
Line Regulation
REGline
1
Vin = –8 to –25V
4
120
mV
(TJ = 25°C)
Vin = –9 to –13V
1.5
60
Load Regulation
REGload
1
Io = 5mA to 1.5A
10
120
mV
(TJ = 25°C)
Io = 250mA to 750mA
360
Quiescent Current
Iq
2TJ = 25°C
24
mA
Quiescent Current Change
∆Iq
2
Vin = –8 to –25V
——
1.3
mA
(TJ = 25°C)
Io = 5mA to 1A
——
0.5
Output Noise Voltage (TJ = 25°C)
Vn
1
f = 10Hz to 100KHz
44
µV
Ripple Rejection Ratio
RR
3
Vin = –9 to –19V
60
73
dB
Io = 100mA, f = 120Hz
Dropout Voltage
Vdrop
Io = 1.0A, TJ = 25°C
1.1
V
Peak Output Current
Io-peak
1TJ = 25°C
2.1
A
Temp. Coefficient of Output Voltage
∆Vo/∆TA
1
Io = 5mA, TJ = 0 to125°C
—–0.5
mV/°C
Electrical Characteristics – MC7908
Vin = –14V, Iout = 500mA, Cin = 2
µF, Cout = 1µF; TJ = 0°C to 125°C, unless otherwise noted.
Parameter
Symbol
Test
Conditions
Min.
Typ.
Max.
Unit
Circuit
TJ = 25°C
–7.84
–8.0
–8.16
V
Output Voltage
Vo
1
Vin = –10.5 to –23V,
–7.76
—–8.24
Io = 5mA to 1A
Line Regulation
REGline
1
Vin = –10.5 to –25V
6
160
mV
(TJ = 25°C)
Vin = –11 to –15V
280
Load Regulation
REGload
1
Io = 5mA to 1.5A
12
160
mV
(TJ = 25°C)
Io = 250mA to 750mA
480
Quiescent Current
Iq
2TJ = 25°C
2.2
4.5
mA
Quiescent Current Change
∆Iq
2
Vin = –10.5 to –25V
——
1
mA
(TJ = 25°C)
Io = 5mA to 1A
——
0.5
Output Noise Voltage (TJ = 25°C)
Vn
1
f = 10Hz to 100KHz
52
µV
Ripple Rejection Ratio
RR
3
Vin = –11 to –21V
56
71
dB
Io = 100mA, f = 120Hz
Dropout Voltage
Vdrop
Io = 1.0A, TJ = 25°C
1.1
V
Peak Output Current
Io-peak
1TJ = 25°C
2.1
A
Temp. Coefficient of Output Voltage
∆Vo/∆TA
1
Io = 5mA, TJ = 0 to125°C
—–0.6
mV/°C
MC79xxCT Series
Vishay
formerly General Semiconductor
Document Number 74814
www.vishay.com
11-Jun-02
3


Podobny numer części - MC79XXCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   FIXED VOLTAGE REGULATOR (NEGATIVE)
MC79XX FAIRCHILD-MC79XX Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
MC79XX/ ONSEMI-MC79XX/ Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Fairchild Semiconductor
MC79XXA FAIRCHILD-MC79XXA Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
More results

Podobny opis - MC79XXCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com