Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB1-16PBL5701 Arkusz danych(PDF) 4 Page - ITT Industries

Numer części MTB1-16PBL5701
Szczegółowy opis  Microstrips .050 Contact Spacing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

MTB1-16PBL5701 Arkusz danych(HTML) 4 Page - ITT Industries

  MTB1-16PBL5701 Datasheet HTML 1Page - ITT Industries MTB1-16PBL5701 Datasheet HTML 2Page - ITT Industries MTB1-16PBL5701 Datasheet HTML 3Page - ITT Industries MTB1-16PBL5701 Datasheet HTML 4Page - ITT Industries MTB1-16PBL5701 Datasheet HTML 5Page - ITT Industries MTB1-16PBL5701 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
51
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Male Latch
.032
± .003
(0.81
± 0.08)
DIA.
.200
± .010
(5.08
± 0.25)
.010 (6.25)
REF
Female Latch
.100 (2.54)
REF
.020 (0.51)
REF
.250 (6.35)
MAX
.035 (0.89)
REF
.045 (1.14)
MAX
.076 (1.93)
MAX
.070 (1.78)
REF
.050 (1.27)
REF
NO CONTACT
.035 (0.89)
REF
.035 (0.89)
REF
.070 (1.78)
REF
.050 (1.27)
REF
NO CONTACT
.035 (0.89)
REF
.0085 (0.22)
REF
.077 (1.96)
MAX
.107 (2.72) MAX
.2835 (7.20)
REF
Latch Dimensions
Microstrips .050" Contact Spacing
MT
Standard Wire Termination Codes
Harness Type - (H)
Length
H020
H019
H026
H029
H028
H001
H033
H009
H010
H011
H013
H017
H042
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.5)
120 (3048.0)
H027
H016
H034
H025
H002
H003
H023
H004
H005
H006
H048
H046
H041
L61
L56
L57
L39
L58
L1
L14
L2
L7
L6
L16
L10
.125 (3.18)
.150 (3.81)
.190 (4.83)
.250 (6.35)
.375 (9.52)
.500 (12.70)
.750 (19.05)
1.000 (25.40)
1.500 (38.10)
2.000 (50.80)
2.500 (63.50)
3.000 (76.20)
All Yellow
Color Coded
Termination Code
Length
#26 AWG per MIL-W-16878 Type E; Teflon Stranded
Solid Uninsulated Type - (L)
#25 AWG Gold Plated Copper
The following termination codes are listed for your
information. For additional codes please refer to
Appendix on page 79 and 81. All wire lengths are
minimum.
Guide Pin Dimensions


Podobny numer części - MTB1-16PBL5701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
MTB10000-G MARKTECH-MTB10000-G Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-G-A MARKTECH-MTB10000-G-A Datasheet
192Kb / 3P
   Standard LEDs
MTB10000-HR MARKTECH-MTB10000-HR Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-HR-A MARKTECH-MTB10000-HR-A Datasheet
199Kb / 3P
   Standard LEDs
MTB10000-O MARKTECH-MTB10000-O Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
More results

Podobny opis - MTB1-16PBL5701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MIKM6-55P ITT-MIKM6-55P Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com