Zakładka z wyszukiwarką danych komponentów |
|
MTV1-16PHY0102 Arkusz danych(PDF) 3 Page - ITT Industries |
|
MTV1-16PHY0102 Arkusz danych(HTML) 3 Page - ITT Industries |
3 / 6 page CAV #1 SOCKET CAV #1 PIN Solder Cup Straight Terminals Right Angle Terminals .100" Spacing Staggered ALL EVEN NUMBERED CONTACTS .100 (2.54) .100 (2.54) AL57 .190 (4.83) AL61 .125 (3.18) Surface Mount Terminals .0120 (0.30) ± .001 (0.03) .010 (0.25) TYP .070 (1.78) .030 (0.76) .050 (1.27) MIN SOLDER DIPPED .025 (0.64) REF .160 (4.06) .140 (3.56) Right Angle Terminals .050" Centers .170 (4.32) MAX. .065 (1.65) MAX. .065 (1.65) MAX. .100 (2.54) .018 (1.65) ±.002 (0.5) BL57: .190 (4.83) BL61: .125 (3.18) MIN+ .015 (0.38) L1: .500 (12.7) L2: 1.00 (25.4) L57: .190 (4.83) L6: .125 (3.18) MIN+ .015 (0.38) .018 (.45) ±.002 (.05) Microstrips .050" Contact Spacing MT 50 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Connector Weights Contact (with std. 1/2” copper pigtails) .040 gms. MTB pin .021 gms. Insulator socket .006 gms. (per contact MTV pin .014 gms. cavity) socket .004 gms. Guide Stainless Post Steel .035 gms. Male .035 gms. Latch Female .074 gms. Terminal Dimensions |
Podobny numer części - MTV1-16PHY0102 |
|
Podobny opis - MTV1-16PHY0102 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |