Zakładka z wyszukiwarką danych komponentów |
|
MTB1-2PBL6102 Arkusz danych(PDF) 4 Page - ITT Industries |
|
MTB1-2PBL6102 Arkusz danych(HTML) 4 Page - ITT Industries |
4 / 6 page 51 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Male Latch .032 ± .003 (0.81 ± 0.08) DIA. .200 ± .010 (5.08 ± 0.25) .010 (6.25) REF Female Latch .100 (2.54) REF .020 (0.51) REF .250 (6.35) MAX .035 (0.89) REF .045 (1.14) MAX .076 (1.93) MAX .070 (1.78) REF .050 (1.27) REF NO CONTACT .035 (0.89) REF .035 (0.89) REF .070 (1.78) REF .050 (1.27) REF NO CONTACT .035 (0.89) REF .0085 (0.22) REF .077 (1.96) MAX .107 (2.72) MAX .2835 (7.20) REF Latch Dimensions Microstrips .050" Contact Spacing MT Standard Wire Termination Codes Harness Type - (H) Length H020 H019 H026 H029 H028 H001 H033 H009 H010 H011 H013 H017 H042 3 (76.2) 6 (152.4) 8 (203.2) 10 (254.0) 12 (304.8) 18 (457.2) 20 (508.0) 24 (609.6) 30 (762.0) 36 (914.4) 48 (1219.2) 72 (1828.5) 120 (3048.0) H027 H016 H034 H025 H002 H003 H023 H004 H005 H006 H048 H046 H041 L61 L56 L57 L39 L58 L1 L14 L2 L7 L6 L16 L10 .125 (3.18) .150 (3.81) .190 (4.83) .250 (6.35) .375 (9.52) .500 (12.70) .750 (19.05) 1.000 (25.40) 1.500 (38.10) 2.000 (50.80) 2.500 (63.50) 3.000 (76.20) All Yellow Color Coded Termination Code Length #26 AWG per MIL-W-16878 Type E; Teflon Stranded Solid Uninsulated Type - (L) #25 AWG Gold Plated Copper The following termination codes are listed for your information. For additional codes please refer to Appendix on page 79 and 81. All wire lengths are minimum. Guide Pin Dimensions |
Podobny numer części - MTB1-2PBL6102 |
|
Podobny opis - MTB1-2PBL6102 |