Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4360-6 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADF4360-6
Szczegółowy opis  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4360-6 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADF4360-6 Datasheet HTML 5Page - Analog Devices ADF4360-6 Datasheet HTML 6Page - Analog Devices ADF4360-6 Datasheet HTML 7Page - Analog Devices ADF4360-6 Datasheet HTML 8Page - Analog Devices ADF4360-6 Datasheet HTML 9Page - Analog Devices ADF4360-6 Datasheet HTML 10Page - Analog Devices ADF4360-6 Datasheet HTML 11Page - Analog Devices ADF4360-6 Datasheet HTML 12Page - Analog Devices ADF4360-6 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADL5370
Rev. 0 | Page 9 of 20
–20
–70
–60
–50
–40
–30
–80
–90
15
–10
–5
0
5
10
–15
–20
–7
–5
–3
–1
1357
LO AMPLITUDE (dBm)
SECOND ORDER (dBc)
SSB OUTPUT POWER
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPPRESSION (dBc)
THIRD ORDER (dBc)
Figure 21. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 900 MHz)
0.23
0.22
0.21
0.20
0.19
0.17
0.18
0.16
0.15
TEMPERATURE (°C)
–40
25
85
VS = 5.25V
VS = 5V
VS = 4.75V
Figure 22. Power Supply Current vs. Temperature
16
4
6
8
10
12
14
2
0
NOISE (dBm/Hz) AT 20MHz OFFSET
FLO = 450MHz
Figure 23. 20 MHz Offset Noise Floor Distribution at fLO = 450 MHz
(I/Q Amplitude = 0 mV p-p with 500 mV dc bias)


Podobny numer części - ADF4360-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-6 AD-ADF4360-6 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4360-6 AD-ADF4360-6 Datasheet
479Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-6 AD-ADF4360-6 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4360-6 AD-ADF4360-6 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6BCP AD-ADF4360-6BCP Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
More results

Podobny opis - ADF4360-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com