Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1172-2AUJZ-RL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM1172-2AUJZ-RL7
Szczegółowy opis  2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1172-2AUJZ-RL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM1172-2AUJZ-RL7 Datasheet HTML 7Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 8Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 9Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 10Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 11Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 12Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 13Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 14Page - Analog Devices ADM1172-2AUJZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1172
Rev. 0 | Page 11 of 16
0.25
0
–50
150
TEMPERATURE (°C)
0
50
100
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
0.20
0.15
0.10
0.05
I = 300µA
0
–50
150
TEMPERATURE (°C)
0
50
100
VCC = 15V
VCC = 5V
VCC = 3V
I = 100µA
0.14
0.12
0.10
0.08
0.06
0.04
0.02
VCC = 12V
Figure 36. PFO Output Low Voltage vs. Temperature, I = 100 μA
Figure 34. PFO Output Low Voltage vs. Temperature, I = 300 μA
0.50
0
–50
150
TEMPERATURE (°C)
0
50
100
VCC = 15V
VCC = 5V
VCC = 3V
I = 500µA
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VCC = 12V
0
–0.1
1.1
ILOAD (mA)
VCC = 15V
VCC = 5V
VCC = 3V
700
VCC = 12V
600
500
400
300
200
100
0.1
0.3
0.5
0.7
0.9
Figure 35. PFO Output Low Voltage vs. Temperature, I = 500 μA
Figure 37. PFO Output Low Voltage vs. Load Current


Podobny numer części - ADM1172-2AUJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1172 AD-ADM1172_15 Datasheet
264Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. A
More results

Podobny opis - ADM1172-2AUJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1172 AD-ADM1172_15 Datasheet
264Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. A
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com