Zakładka z wyszukiwarką danych komponentów |
|
CX0603MRX7R5BB0 Arkusz danych(PDF) 10 Page - Continental Device India Limited |
|
CX0603MRX7R5BB0 Arkusz danych(HTML) 10 Page - Continental Device India Limited |
10 / 16 page Phycomp Product specification Surface-mount ceramic EMI filter capacitors X2Y® Series 2006 Nov.21 V.11 10 www.yageo.com Ordering code: Yageo part number Example: CX0805MRX7R8BB223 CX 0805 M R X7R 8 BB 223 Code 1 - 2 Series name CX = X2Y® series Code 7 Capacitance tolerance M = ±20% Code 9 - 11 Code 13 Code 15 - 17 TC Material Termination Capacitance value 0 = x 1 1 = x 10 2 = x 102 3 = x 103 4 = x 104 5 = x 105 6 = x 106 X7R NP0 B = Ni-Barrier Code 3 - 6 Size code Code 8 Packing style R = Paper tape reel ∅ 7 inch K = Embossed plastic tape reel ∅ 7 inch Code 12 Rated voltage 5 = 6.3 V 6 = 10 V 7 = 16 V 8 = 25 V 9 = 50 V 0 = 100 V Code 14 Process code B = X7R SCM045 (2 significant digits + number of zeros; the third digit signifies the multiplying factor, and letter R is decimal point) EIA mm 0603 (1608M) 0805 (2012M) 1206 (3216M) 1210 (3225M) 1410 (3625M) 1812 (4632M) |
Podobny numer części - CX0603MRX7R5BB0 |
|
Podobny opis - CX0603MRX7R5BB0 |