Zakładka z wyszukiwarką danych komponentów |
|
CX1210MRX7R6BB0 Arkusz danych(PDF) 3 Page - Continental Device India Limited |
|
CX1210MRX7R6BB0 Arkusz danych(HTML) 3 Page - Continental Device India Limited |
3 / 16 page Phycomp Product specification Surface-mount ceramic EMI filter capacitors X2Y® Series 2006 Nov.21 V.11 3 www.yageo.com QUICK REFERENCE DATA DESCRIPTION VALUE Materials X7R Rated voltage 10 V, 16 V, 25 V, 50/63 V, 100 V (IEC) Capacitance range (Y-capacitor): 0603 series 1.5 nF to 100 nF 0805 series 4.7 nF to 180 nF 1206 series 22 nF to 820 nF 1210 series 47 nF to 1 µF 1410 series 390 nF Tolerance on capacitance ±20% Test voltage (DC) for 1 minute 2.5 × Ur Sectional specifications IEC 60384-10, second edition 1989-04; also based on CECC 32 100 Detailed specification based on CECC 32 101-801 Climatic category (IEC 60068) X7R: 55/125/56 |
Podobny numer części - CX1210MRX7R6BB0 |
|
Podobny opis - CX1210MRX7R6BB0 |