Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1451A-E Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części MC1451A-E
Szczegółowy opis  Advanced Step Motor Control Chipset
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MC1451A-E Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MC1451A-E Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 9Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
Timing Interval
T#
Min.
Max.
Units
Command Byte Write Timing
~HostSlct Hold Time
T6
15
2000 (note 3)
nS
~HostSlct Setup Time
T7
10
nS
HostCmd Setup Time
T8
10
nS
Host Cmd Hold Time
T9
25
nS
HostRdy Delay Time
T13
70
nS
~HostWrite Pulse Width
T14
50
nS
Write Data Setup Time
T15
35
nS
Write Data Hold Time
T16
30
nS
Data Word Read Timing
~HostSlct Hold Time
T6
15
2000 (note 3)
nS
~HostSlct Setup Time
T7 (read only)
- 20
nS
HostCmd Setup Time
T8 (read only)
- 20
nS
HostCmd Hold Time
T9
25
nS
Read Data Access Time
T10
50
nS
Read Data Hold Time
T11
10
nS
~HostRead high to HI-Z Time
T12
50
nS
HostRdy Delay Time
T13
70
nS
Read Recovery Time
T17
60
nS
Data Word Write Timing
~HostSlct Hold Time
T6
15
2000 (note 3)
nS
~HostSlct Setup Time
T7
10
nS
HostCmd Setup Time
T8
10
nS
HostCmd Hold Time
T9
25
nS
HostRdy Delay Time
T13
70
nS
~HostWrite Pulse Width
T14
50
nS
Write Data Setup Time
T15
35
nS
Write Data Hold Time
T16
30
nS
Write Recovery Time
T18
60
nS
note 1
~HostSlct and HostCmd may optionally be de-asserted if setup and hold times are met.
note 2
Chip-set performance figures and timing information valid at Fclk = 25.0 only. For timing information & performance parameters at Fclk <
25.0 Mhz, call PMD.
note 3
Two micro seconds maximum to release interface before chip set responds to command
note 4
ClkOut from CP is 1/4 frequency of ClkIn (CP chip).


Podobny numer części - MC1451A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC1451A-E ETC-MC1451A-E Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
More results

Podobny opis - MC1451A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
Winbond
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
logo
List of Unclassifed Man...
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
   STM32 Nucleo Pack FOC and 6-step motor control platform
logo
ON Semiconductor
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
List of Unclassifed Man...
ST-57BYGH ETC2-ST-57BYGH Datasheet
43Kb / 2P
   1.8째HYBRID STEP MOTOR
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
   Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com