Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1433 Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADG1433
Szczegółowy opis  4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1433 Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADG1433 Datasheet HTML 8Page - Analog Devices ADG1433 Datasheet HTML 9Page - Analog Devices ADG1433 Datasheet HTML 10Page - Analog Devices ADG1433 Datasheet HTML 11Page - Analog Devices ADG1433 Datasheet HTML 12Page - Analog Devices ADG1433 Datasheet HTML 13Page - Analog Devices ADG1433 Datasheet HTML 14Page - Analog Devices ADG1433 Datasheet HTML 15Page - Analog Devices ADG1433 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADG1433/ADG1434
Rev. 0 | Page 12 of 20
0
–110
1k
1G
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VDD = +15V
VSS = –15V
TA = 25°C
0
10
100k
FREQUENCY (Hz)
0.09
0.10
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
100
1k
10k
LOAD = 110Ω
TA = 25°C
VDD = +5V, VSS = –5V, VS = +5V p-p
VDD = +15V, VSS = –15V, VS = +15V p-p
Figure 20. Off Isolation vs. Frequency
Figure 23. THD + N vs. Frequency
0
–110
1k
1G
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VDD = +15V
VSS = –15V
TA = 25°C
0
100
1k
10M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
10k
100k
1M
VDD = +15V
VSS = –15V
TA = 25°C
V p-p = 0.63V
NO DECOUPLING
CAPACITORS
DECOUPLING
CAPACITORS
ON SUPPLIES
Figure 21. Crosstalk vs. Frequency
Figure 24. ACPSRR vs. Frequency
0
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
100
1G
100M
10M
1M
100k
10k
1k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 22. On Response vs. Frequency


Podobny numer części - ADG1433

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436YCPZ-500RL7 AD-ADG1436YCPZ-500RL7 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
More results

Podobny opis - ADG1433

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com