Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1181AARWZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM1181AARWZ
Szczegółowy opis  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1181AARWZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM1181AARWZ Datasheet HTML 4Page - Analog Devices ADM1181AARWZ Datasheet HTML 5Page - Analog Devices ADM1181AARWZ Datasheet HTML 6Page - Analog Devices ADM1181AARWZ Datasheet HTML 7Page - Analog Devices ADM1181AARWZ Datasheet HTML 8Page - Analog Devices ADM1181AARWZ Datasheet HTML 9Page - Analog Devices ADM1181AARWZ Datasheet HTML 10Page - Analog Devices ADM1181AARWZ Datasheet HTML 11Page - Analog Devices ADM1181AARWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
START 30.0MHz
STOP 200.0MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 10. EMC Radiated Emissions
LOG FREQUENCY (MHz)
80
70
0
0.3
30
0.6
1
60
50
10
40
30
20
LIMIT
36
10
Figure 11. EMC Conducted Emissions
LOAD CAPACITANCE (pF)
9
7
–9
0
2500
500
1000
1500
2000
1
–3
–5
–7
5
3
–1
3000
115KBPS
230KBPS
460KBPS
230KBPS
115KBPS
460KBPS
Figure 12. Transmitter Output Voltage High/Low vs. Load Capacitance
@ 115 kbps, 230 kbps, and 460 kbps
VCC (V)
15
10
–15
5.5
4
4.5
5
5
0
–5
–10
TX O/P LO
TX O/P LO LOADED
TX O/P HI LOADED
TX O/P HI
Figure 13. Transmitter Output Voltage High/Low vs. VCC
ILOAD (mA)
15
–15
10
15
20
25
10
–5
–10
5
0
30
5
0
Figure 14. Charge Pump V+ and V
− vs. Current
ILOAD (mA)
15
–15
10
5
0
–5
–10
02
4
6
8
10
12
14
TX O/P LO
TX O/P HI
Figure 15. Transmitter Output Voltage Low/High vs. Load Current


Podobny numer części - ADM1181AARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1181AARWZ AD-ADM1181AARWZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM1181AARWZ-REEL AD-ADM1181AARWZ-REEL Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Podobny opis - ADM1181AARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com