Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP142MNR4G Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części MC10EP142MNR4G
Szczegółowy opis  3.3 V / 5 V ECL 9-Bit Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP142MNR4G Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button MC10EP142MNR4G Datasheet HTML 5Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 6Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 7Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 8Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 9Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 10Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 11Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 12Page - ON Semiconductor MC10EP142MNR4G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC10EP142, MC100EP142
http://onsemi.com
9
Table 11. AC CHARACTERISTICS VCC = 3.0 V to 5.5 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.0 V to −5.5 V (Note 26)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fSHIFT
Maximum Shift Frequency
2.8
GHz
tPLH,
tPHL
Propagation Delay to Output
CLKx
MR
500
500
625
625
750
750
550
550
675
675
800
800
575
575
700
700
825
825
ps
ts
Setup Time
D
SEL
50
100
−50
50
50
100
−50
50
50
100
−50
50
ps
th
Hold Time
D
SEL
100
50
50
−50
100
50
50
−50
100
50
50
−50
ps
tRR
Reset Recovery Time
800
ps
tpw
Minimum Pulse Width
200
ps
tSKEW
Within-Device Skew (Note 27)
Q, Q
Duty Cycle Skew (Note 28)
50
5.0
100
20
50
5.0
100
20
50
5.0
100
20
ps
tJITTER
Random Clock Jitter (Figure 4)
1
2
1
2
1
2
ps
Vinpp
Input Voltage Swing/Sensitivity
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr,
tf
Rise/Fall Times @ 50 MHz
(20 - 80%)
110
180
250
125
190
275
150
215
300
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
26.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
27.Within-device skew is defined as identical transitions on similar paths through a device.
28.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.
0
100
200
300
400
500
600
700
800
900
0
1000
2000
3000
4000
5000
6000
Figure 4. Output Voltage Amplitude / RMS Jitter vs.
Input Frequency at Ambient Temperature (Typical)
INPUT FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9


Podobny numer części - MC10EP142MNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP142MNR4G ONSEMI-MC10EP142MNR4G Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results

Podobny opis - MC10EP142MNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com