Zakładka z wyszukiwarką danych komponentów |
|
MC100EP142FA Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
MC100EP142FA Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 13 page MC10EP142, MC100EP142 http://onsemi.com 2 Figure 1. Pinout: LQFP−32 (Top View) 25 26 27 28 29 30 31 32 15 14 13 12 11 10 9 1234567 8 24 23 22 21 20 19 18 17 16 Q4 Q2 VCC MR Q0 D6 Q3 Q1 VEE VCC MC10EP142 MC100EP142 VEE D1 D2 D3 D4 D5 Figure 2. Pinout: QFN−32 (Top View) 32 31 30 29 28 27 26 25 9 10 11 12 13 14 15 16 1 234 5 6 78 24 23 22 21 20 19 18 17 Exposed Pad (EP) Q4 Q2 VCC MR Q0 D6 Q3 Q1 VEE VCC VEE D1 D2 D3 D4 D5 Table 1. PIN DESCRIPTION Pin Name I/O Default State Description 1,23,24,25,26, 27,29,30,31 D[0:8] ECL Input Low Single−Ended Parallel Data Inputs [0:8]. Internal 75 kW to VEE. 2 S−IN ECL Input Low Noninverted Differential Serial Input. Internal 75 kW to VEE. 3 S−IN ECL Input High Inverted Differential Serial Input. Internal 75 kW to VEE and 36.5 kW to VCC. 4 CLK0 ECL Input Low Noninverted Differential CLK0 Input. Internal 75 kW to VEE. 5 CLK0 ECL Input High Inverted Differential CLK0B Input. Internal 75 kW to VEE and 36.5 kW to VCC. 6 CLK1 ECL Input Low Noninverted Differential CLK1 Input. Internal 75 kW to VEE. 7 CLK1 ECL Input High Inverted Differential CLK1B Input. Internal 75 kW to VEE and 36.5 kW to VCC. 8 SEL ECL Input Low Single−Ended Select Logic Input. Internal 75 kW to VEE. 9 MR ECL Input Low Single−Ended Master Reset Logic Input. Internal 75 kW to VEE. 10,11,12,14,1 5,18,19,22 Q0,Q1,Q2,Q3, Q4,Q5,Q6,Q8 ECL Output − Single−Ended parallel Data outputs [0,1,2,3,4,5,6,8]. Typically Terminated with 50 W to VTT = VCC − 2 V. 13,17,32 VCC − − Positive supply Voltage. All VCC Pins must be Externally Connected to Power Supply to Guarantee Proper Operation. 16,28 VEE − − Negative supply Voltage. All VEE Pins must be Externally connected to Power Supply to Guarantee Proper Operation. 20 Q7 ECL Output − Noninverted Differential parallel/Serial Data Output 7. Typically Terminated with 50 W to VTT = VCC − 2 V. 21 Q7 ECL Output − Inverted Differential parallel/Serial Data Output 7. Typically Terminated with 50 W to VTT = VCC − 2 V. 1. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. |
Podobny numer części - MC100EP142FA |
|
Podobny opis - MC100EP142FA |