Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX1206MRNP06BB5 Arkusz danych(PDF) 2 Page - Continental Device India Limited

Numer części CX1206MRNP06BB5
Szczegółowy opis  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX1206MRNP06BB5 Arkusz danych(HTML) 2 Page - Continental Device India Limited

  CX1206MRNP06BB5 Datasheet HTML 1Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 2Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 3Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 4Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 5Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
FEATURES
• Broadband Filtering and Decoupling: X2Y® is
effective up to 10 GHz and frequencies beyond
• Ultra Low ESL: Noise cancellation within X2Y®
makes ESL reducing from nanohenry to picohenry
levels
• Bypass: Unlike feedthrough capacitors, X2Y® is in
bypass, so no DC current limitations
• Matched Y-caps: Two tightly matched line to ground
capacitors in one device
• Superior Balance: Temperature and voltage
variations balanced of two Y-caps
• Aging Reliability: Aging effects are equal on two Y-
caps
• Fewer Component in Decoupling: Up to 1:7
replacement of MLCC in power delivering system
bypass networks
• Superior Performance in Decoupling: Large or
small, X2Y® components exhibit ultra low ESL
• Total Cost Savings: Assembly cost savings through
reduced component count and placement costs
• Board Level Design Advantages: Dramatically
reduces via drills, which blocks routing
APPLICATIONS
• EMI filtering on DC motors
• Filtered connectors (airbag
connectors, RJ-45 connectors)
• High speed data-line filtering
• Decoupling of supply-lines in high
speed digital circuits
• Broadband filtering.
• Amplifier decoupling and EMI
suppression.
• IC Decoupling, on-package, on-
PCB.
• DC power line filtering.
• Data line filtering.
• EMI suppression for DC motors.
• Sensors
• Audio
SCM049_V
Fig.1 Circuit of typical applications
Decoupling application
EMI filtering application
A
G2
B
B
A
G1
G2
B
A
G2
G1
G1
• Superior Performance in Filtering: One X2Y® can
eliminate both differential and common mode noises
BENEFITS
• Fewer Component in Filtering: One X2Y® can
replace multiple inductors and/or capacitors
DESCRIPTION
X2Y® series is a breakthrough in the design of ceramic multilayer products for decoupling and filtering in an IPD
(integrated passive device).
X2Y® products comprise two identical Y-capacitors and one X-capacitor, integrated into a 4 terminal device, which is
available in standard MLCC sizes. Thanks to the unique multilayer construction the device provides noise cancellation
within the device, reducing ESL from nanohenry to picohenry levels.
Using the unique balance between the Y-capacitors and the shielded multilayer structure the X2Y® products offer
superior decoupling and filtering.
The X2Y® device performs as a broadband filter enabling better EMC compliance for electrical equipment in a wide
range of applications.
2006 Nov.21 V.11
2
www.yageo.com


Podobny numer części - CX1206MRNP06BB5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
CX1206MRNP06BB5 PULSE-CX1206MRNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Podobny opis - CX1206MRNP06BB5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com