Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1970JSTZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD1970JSTZ
Szczegółowy opis  Digital BTSC Encoder with Integrated ADC and DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1970JSTZ Arkusz danych(HTML) 1 Page - Analog Devices

  AD1970JSTZ Datasheet HTML 1Page - Analog Devices AD1970JSTZ Datasheet HTML 2Page - Analog Devices AD1970JSTZ Datasheet HTML 3Page - Analog Devices AD1970JSTZ Datasheet HTML 4Page - Analog Devices AD1970JSTZ Datasheet HTML 5Page - Analog Devices AD1970JSTZ Datasheet HTML 6Page - Analog Devices AD1970JSTZ Datasheet HTML 7Page - Analog Devices AD1970JSTZ Datasheet HTML 8Page - Analog Devices AD1970JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Digital BTSC Encoder
with Integrated ADC and DAC
AD1970
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complete BTSC encoder
Pilot tone generator
Includes subcarrier modulation
Channel separation: 30 dB
Bandwidth up to 14 kHz
Stereo analog or digital input
Phat-Stereo™ algorithm for stereo image enhancement
Dialog enhancement function for playing wide dynamic
range video sources over built-in TV speakers
Includes L − R dual-band compressor
I2C port for control of modes, effects, and parameters
Analog input performance
74 dB dynamic range
−72 dB THD + N
Digital input performance
87 dB dynamic range
−83 dB THD + N
Integrated op amps for analog inputs and outputs
Single-ended output reduces external part count
Integrated PLL generates all clocks from composite video,
48 kHz sample clock, or high speed master clock
Sync stripper to recover video clock from composite
video signal
Output level control for setting aural carrier deviation
Macrovision
-compliant
Dolby
RF mode-compatible
48-pin LQFP plastic package
APPLICATIONS
Digital set top box
DVD player
DVD recorder
GENERAL DESCRIPTION
The AD1970 is a complete analog or digital-in, analog-out
BTSC encoder which includes pilot-tone generation and sub-
carrier mixing functions. The stereo ADC provides the means
for digitization of the analog baseband audio signal. A built-in
high performance DAC is provided to output the BTSC base-
band composite signal. The output of the AD1970 can be
connected with minimal external circuitry to the input of a
4.5 MHz aural FM modulator.
In addition to the digital BTSC encoder, the AD1970 includes a
stereo image enhancement function, Phat Stereo, to increase the
sense of spaciousness available from closely spaced TV
loudspeakers. A dialog enhancement algorithm solves the
problem of playing wide dynamic range sources over limited-
performance TV speakers and amplifiers. An I2C port allows
control of the AD1970’s registers and parameters.
The AD1970 utilizes ADI’s patented multibit Σ-Δ architecture to
provide BTSC performance of up to 87 dB dynamic range and a
THD+N of −83 dB.
The AD1970 includes patented BTSC stereo TV technology
licensed from THAT Corporation.
FUNCTIONAL BLOCK DIAGRAM
ANALOG L/R
INPUTS
I2C I/O
GROUP
I2CPORT
CONTROL
REGISTERS
ADC
VOLUME
CONTROL
BTSC
ENCODER
CORE
BTSC
ENCODED
OUTPUT
ANALOG
BIAS
3
DAC
DECIMATION
FILTER
PLL
SYNC
STRIPPER
ADC
ADC
4
DIGITAL AUDIO
INTERFACE
COMPOSITE
VIDEO
AD1970
Figure 1.


Podobny numer części - AD1970JSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
More results

Podobny opis - AD1970JSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com