Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5612AKSZ-2500RL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD5612AKSZ-2500RL7
Szczegółowy opis  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5612AKSZ-2500RL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD5612AKSZ-2500RL7 Datasheet HTML 7Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 8Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 9Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 10Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 11Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 12Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 13Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 14Page - Analog Devices AD5612AKSZ-2500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 11 of 24
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD =3V
VDD =5V
Figure 22. Supply Current vs. Temperature (3 V/5 V Supply)
0
10
20
30
40
50
60
70
0
2000
4000
6000
8000
10000 12000 14000 16000
DAC CODE
VDD =5V
VDD =3V
TA =25°C
Figure 23. Supply Current vs. Digital Input Code
VLOGIC (V)
900
800
700
600
500
400
0
100
200
300
0
0.5
1.0
2.5
2.0
1.5
5.0
4.5
4.0
3.5
3.0
SCL/SDA DECREASING
VDD =5V
SCL/SDA DECREASING
VDD =3V
SCL/SDA
INCREASING
VDD =3V
SCL/SDA INCREASING
VDD =5V
Figure 24. Supply Current vs. SCL/SDA Logic Voltage
0
2
4
6
8
10
12
IDD (µA)
VDD =5V
VIH =VDD
VIL = GND
TA =25°C
VDD =3V
VIH =VDD
VIL = GND
TA =25°C
Figure 25. IDD Histogram (3 V/5 V Supply)
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–15
–10
–5
0
5
10
15
I(mA)
DAC LOADED WITH ZERO-SCALE CODE
VDD =5V
TA = 25°C
DAC LOADED WITH FULL-SCALE CODE
Figure 26. Sink and Source Capability
CH2
CH1
VDD =5V
TA = 25°C
VDD
VOUT =70mV
CH1 = 1V/DIV, CH2 = 20mV/DIV, TIME BASE = 20µs/DIV
Figure 27. Power-On Reset to 0 V


Podobny numer części - AD5612AKSZ-2500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD5611 AD-AD5611 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5611 AD-AD5611 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5611 AD-AD5611 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Podobny opis - AD5612AKSZ-2500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com