Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV212M32 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części MTV212M32
Szczegółowy opis  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212M32 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTV212M32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV212M32 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 8 -
2000/07/04
= 0
→ pin “DA9/HALFV”is DA9.
HLFHE = 1
→ pin “DA8/HALFH”is HSYNC half frequency output.
= 0
→ pin “DA8/HALFH”is DA8.
HCLPE = 1
→ pin “DA7/HCLAMP”is HSYNC clamp pulse output.
= 0
→ pin “DA7/HCLAMP”is DA7.
P42E
= 1
→ pin “STOUT/P4.2”is P4.2.
= 0
→ pin “STOUT/P4.2”is STOUT.
P41E
= 1
→ pin “HBLANK/P4.1”is P4.1.
= 0
→ pin “HBLANK/P4.1”is HBLANK.
P40E
= 1
→ pin “VBLANK/P4.0”is P4.0.
= 0
→ pin “VBLANK/P4.0”is VBLANK.
COP17 = 1
→ pin “P1.7”is CMOS Output.
= 0
→ pin “P1.7”is 8051 standard I/O.
COP16 = 1
→ pin “P1.6”is CMOS Output.
= 0
→ pin “P1.6”is 8051 standard I/O.
COP15 = 1
→ pin “P1.5”is CMOS Output.
= 0
→ pin “P1.5”is 8051 standard I/O.
COP14 = 1
→ pin “P1.4”is CMOS Output.
= 0
→ pin “P1.4”is 8051 standard I/O.
COP13 = 1
→ pin “P1.3”is CMOS Output.
= 0
→ pin “P1.3”is 8051 standard I/O.
COP12 = 1
→ pin “P1.2”is CMOS Output.
= 0
→ pin “P1.2”is 8051 standard I/O.
COP11 = 1
→ pin “P1.1”is CMOS Output.
= 0
→ pin “P1.1”is 8051 standard I/O.
COP10 = 1
→ pin “P1.0”is CMOS Output.
= 0
→ pin “P1.0”is 8051 standard I/O.
COP27 = 1
→ pin “P2.7/DA13”is CMOS data Output.
= 0
→ pin “P2.7/DA13”is 8051 standard I/O or CMOS PWM DAC Output.
COP26 = 1
→ pin “P2.6/DA12”is CMOS data Output.
= 0
→ pin “P2.6/DA12”is 8051 standard I/O or CMOS PWM DAC Output.
COP25 = 1
→ pin “P2.5/DA11”is CMOS data Output.
= 0
→ pin “P2.5/DA11”is 8051 standard I/O or CMOS PWM DAC Output.
COP24 = 1
→ pin “P2.4/DA10”is CMOS data Output.
= 0
→ pin “P2.4/DA10”is 8051 standard I/O or CMOS PWM DAC Output.
COP23 = 1
→ pin “P2.3/AD3”is CMOS data Output.
= 0
→ pin “P2.3/AD3”is 8051 standard I/O or ADC Input.
COP22 = 1
→ pin “P2.2/AD2”is CMOS data Output.
= 0
→ pin “P2.2/AD2”is 8051 standard I/O or ADC Input.
COP21 = 1
→ pin “P2.1/AD1”is CMOS data Output.
= 0
→ pin “P2.1/AD1”is 8051 standard I/O or ADC Input.
COP20 = 1
→ pin “P2.0/AD0”is CMOS data Output.
= 0
→ pin “P2.0/AD0”is 8051 standard I/O or ADC Input.
COP56 = 1
→ pin “DA6/P5.6”is CMOS data Output.
= 0
→ pin “DA6/P5.6”is open drain I/O or CMOS PWM DAC.
COP55 = 1
→ pin “DA5/P5.5”is CMOS data Output.
= 0
→ pin “DA5/P5.5”is open drain I/O or CMOS PWM DAC.
COP54 = 1
→ pin “DA4/P5.4”is CMOS data Output.
= 0
→ pin “DA4/P5.4”is open drain I/O or CMOS PWM DAC.
COP53 = 1
→ pin “DA3/P5.3”is CMOS data Output.
= 0
→ pin “DA3/P5.3”is open drain I/O or CMOS PWM DAC.


Podobny numer części - MTV212M32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212MN64 ETC-MTV212MN64 Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Podobny opis - MTV212M32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com