Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV212A32 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części MTV212A32
Szczegółowy opis  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212A32 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTV212A32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 7 -
2000/07/04
3. Chip Configuration
The Chip Configuration registers define the chip pins function, as well as the functional blocks' connection,
configuration and frequency.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
PADMOD
30h (w)
DA13E
DA12E
DA11E
DA10E
AD3E
AD2E
AD1E
AD0E
PADMOD
31h (w)
P56E
P55E
P54E
P53E
P52E
P51E
P50E
PADMOD
32h (w)
HIICE
IIICE
HLFVE
HLFHE
HCLPE
P42E
P41E
P40E
PADMOD
3Ah (w)
COP17
COP16
COP15
COP14
COP13
COP12
COP11
COP10
PADMOD
3Bh (w)
COP27
COP26
COP25
COP24
COP23
COP22
COP21
COP20
PADMOD
3Ch (w)
COP56
COP55
COP54
COP53
OPTION
33h (w)
PWMF
DIV253
FclkE
IICpass
ENSCL
Msel
MIICF1
MIICF0
OPTION
34h (w)
SlvAbs1 SlvAbs0
XBANK
35h (r/w)
Xbnk2
Xbnk1
Xbnk0
PADMOD (w) : Pad mode control registers. (All are "0" in Chip Reset)
DA13E = 1
→ pin “P2.7/DA13”is DA13.
= 0
→ pin “P2.7/DA13”is P2.7.
DA12E = 1
→ pin “P2.6/DA12”is DA12.
= 0
→ pin “P2.6/DA12”is P2.6.
DA11E = 1
→ pin “P2.5/DA11”is DA11.
= 0
→ pin “P2.5/DA11”is P2.5.
DA10E = 1
→ pin “P2.4/DA10”is DA10.
= 0
→ pin “P2.4/DA10”is P2.4.
AD3E
= 1
→ pin “P2.3/AD3”is AD3.
= 0
→ pin “P2.3/AD3”is P2.3.
AD2E
= 1
→ pin “P2.2/AD2”is AD2.
= 0
→ pin “P2.2/AD2”is P2.2.
AD1E
= 1
→ pin “P2.1/AD1”is AD1.
= 0
→ pin “P2.1/AD1”is P2.1.
AD0E
= 1
→ pin “P2.0/AD0”is AD0.
= 0
→ pin “P2.0/AD0”is P2.0.
P56E
= 1
→ pin “DA6/P5.6”is P5.6.
= 0
→ pin “DA6/P5.6”is DA6.
P55E
= 1
→ pin “DA5/P5.5”is P5.5.
= 0
→ pin “DA5/P5.5”is DA5.
P54E
= 1
→ pin “DA4/P5.4”is P5.4.
= 0
→ pin “DA4/P5.4”is DA4.
P53E
= 1
→ pin “DA3/P5.3”is P5.3.
= 0
→ pin “DA3/P5.3”is DA3.
P52E
= 1
→ pin “DA2/P5.2”is P5.2.
= 0
→ pin “DA2/P5.2”is DA2.
P51E
= 1
→ pin “DA1/P5.1”is P5.1.
= 0
→ pin “DA1/P5.1”is DA1.
P50E
= 1
→ pin “DA0/P5.0”is P5.0.
= 0
→ pin “DA0/P5.0”is DA0.
HIICE
= 1
→ pin “HSCL/P3.0/Rxd”is HSCL;
pin “HSDA/P3.1/Txd” is HSDA.
= 0
→ pin “HSCL/P3.0/Rxd”is P3.0/Rxd;
pin “HSDA/P3.1/Txd” is P3.1/Txd.
IIICE
= 1
→ pin “ISDA/P3.4/T0”is ISDA;
pin “ISCL/P3.5/T1” is ISCL.
= 0
→ pin “ISDA/P3.4/T0”is P3.4/T0;
pin “ISCL/P3.5/T1” is P3.5/T1.
HLFVE = 1
→ pin “DA9/HALFV”is VSYNC half frequency output.


Podobny numer części - MTV212A32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212A32 ETC2-MTV212A32 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32U ETC2-MTV212A32U Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Podobny opis - MTV212A32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com