Zakładka z wyszukiwarką danych komponentów |
|
74AHCT594BQ Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
74AHCT594BQ Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 29 page 74AHC_AHCT594_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 4 July 2006 9 of 29 Philips Semiconductors 74AHC594; 74AHCT594 8-bit shift register with output register VOL LOW-level output voltage VI = VIH or VIL IO = 50 µA; VCC = 2.0 V - - 0.1 V IO = 50 µA; VCC = 3.0 V - - 0.1 V IO = 50 µA; VCC = 4.5 V - - 0.1 V IO = 4 mA; VCC = 3.0 V - - 0.55 V IO = 8 mA; VCC = 4.5 V - - 0.55 V II input leakage current VI = VCC or GND; VCC = 5.5 V - - 2.0 µA ICC quiescent supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V --80 µA Table 6. Static characteristics type 74AHC594 …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Table 7. Static characteristics type 74AHCT594 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb = 25 °C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 - - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - - 0.8 V VOH HIGH-level output voltage VI = VIH or VIL IO = −50 µA; VCC = 4.5 V 4.4 4.5 - V IO = −8.0 mA; VCC = 4.5 V 3.94 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 50 µA; VCC = 4.5 V - 0 0.1 V IO = 8 mA; VCC = 4.5 V - - 0.36 V II input leakage current VI = VIH or VIL; VCC = 5.5 V - - 0.1 µA ICC quiescent supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V - - 4.0 µA ∆ICC additional quiescent supply current per input pin; VI =VCC − 2.1 V; other inputs at VCC or GND; IO = 0 A; VCC = 4.5 V to 5.5 V - - 1.35 mA CI input capacitance VI =VCC or GND - 3 10 pF Tamb = −40 °C to +85 °C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 - - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - - 0.8 V VOH HIGH-level output voltage VI = VIH or VIL IO = −50 µA; VCC = 4.5 V 4.4 - - V IO = −8.0 mA; VCC = 4.5 V 3.8 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 50 µA; VCC = 4.5 V - - 0.1 V IO = 8 mA; VCC = 4.5 V - - 0.44 V II input leakage current VI = VIH or VIL; VCC = 5.5 V - - 1.0 µA ICC quiescent supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V --40 µA |
Podobny numer części - 74AHCT594BQ |
|
Podobny opis - 74AHCT594BQ |