Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7999 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7999
Szczegółowy opis  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7999 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7999 Datasheet HTML 1Page - Analog Devices AD7999 Datasheet HTML 2Page - Analog Devices AD7999 Datasheet HTML 3Page - Analog Devices AD7999 Datasheet HTML 4Page - Analog Devices AD7999 Datasheet HTML 5Page - Analog Devices AD7999 Datasheet HTML 6Page - Analog Devices AD7999 Datasheet HTML 7Page - Analog Devices AD7999 Datasheet HTML 8Page - Analog Devices AD7999 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD7991/AD7995/AD7999
Preliminary Technical Data
Rev.PrB | Page 4 of 25
Parameter
B Version
Y Version
Unit
Test Conditions/Comments
Input Hysteresis, VHYST
0.1 (VDD)
0.1 (VDD)
V min
LOGIC OUTPUTS (OPEN DRAIN)
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 3 mA
0.6
0.6
V max
ISINK = 6 mA
Floating-State Leakage Current
±1
±1
µA max
Floating-State Output Capacitance3
10
10
pF max
Output Coding
Straight (Natural) Binary
THROUGHPUT RATE
See the Serial Interface section
18 * (1/fSCL)
us max
POWER REQUIREMENTS
VDD
2.7/5.5
2.7/5.5
V min/max
IDD
Digital inputs = 0 V or VDD
ADC Operating, Interface Active
0.06/0.1
0.06/0.1
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.3/0.6
0.3/0.6
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power Down, Interface Active
TBD
TBD
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
TBD
TBD
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power-Down , Interface Inactive
1/2
1/2
µA max
VDD = 3.3 V/5.5 V
Power Dissipation
Fully Operational
mW max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
mW max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
ADC Operating, Interface Active
0.495/2.2
0.495/2.2
mW max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
1.98/6.05
1.98/6.05
mW max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Power Down, Interface Inactive
3.3/11
3.3/11
µW max
VDD = 3.3 V/5.5 V
1 Max/min AC dynamic performance, INL and DNL specifications are typical specifications when operating in Mode 2 with I2C Hs-mode SCL frequencies. Specifications
outlined for Mode 2 apply to Mode 3 also. Sample delay and bit trial delay enabled.
2 See the terminology section
3 Guaranteed by Initial Characterization.


Podobny numer części - AD7999

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7999 AD-AD7999 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7999 AD-AD7999 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7999 AD-AD7999 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999ARJZ-1RL AD-AD7999ARJZ-1RL Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7999YRJZ-1500RL7 AD-AD7999YRJZ-1500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
More results

Podobny opis - AD7999

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7997 AD-AD7997 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com