Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9211
Szczegółowy opis  10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9211 Datasheet HTML 4Page - Analog Devices AD9211 Datasheet HTML 5Page - Analog Devices AD9211 Datasheet HTML 6Page - Analog Devices AD9211 Datasheet HTML 7Page - Analog Devices AD9211 Datasheet HTML 8Page - Analog Devices AD9211 Datasheet HTML 9Page - Analog Devices AD9211 Datasheet HTML 10Page - Analog Devices AD9211 Datasheet HTML 11Page - Analog Devices AD9211 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD9211
Preliminary Technical Data
Rev. PrA | Page 8 of 21
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD9211
56 Lead for
LF-CSP
TOP VIEW
(Not to Scale)
AVDD
AVDD
AVDD
CML
AVDD
AVDD
AVDD
VIN-
VIN+
AVDD
AVDD
RBIAS
AVDD
34
32
41
40
39
38
33
37
36
42
31
35
30
29
PDN
11
D1-
D2-
D2+
D3-
D3+
DRVDD
DRGND
D4-
13
4
5
6
7
12
8
9
2
3
14
10
1
D4+
D5-
D5+
D6-
D6+
D1+
Pin 0 (exposed paddle) = AGND
Figure 3. Pinout
Table 5. PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Description
30,32,33,34,37,38,39,41,
42,43,46
AVDD
1.8 V Analog Supply.
7, 24,47
DRVDD
1.8 V Digital Output Supply.
0
AGND1
Analog Ground.
8, 23,48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input—True.
36
VIN–
Analog Input—Complement.
40
CML
Analog input common mode output pin
44
CLK+
Clock Input—True.
45
CLK–
Clock Input—Complement.
31
RBIAS
Set Pin for Chip Bias Current. (Place 1% X kohm resistor terminated to ground).
28
RESET
Chip Reset ( Active high)
25
SDIO
Serial port input/output pin
26
SCLK
Serial port clock
27
29
CSB
PWDN
Serial port chip select (Active low)
Chip power down
49
DCO–
Data Clock Output—Complement.
50
DCO+
Data Clock Output—True.
51-54
DNC
Do not connect
55
D0–
D0 Complement Output Bit.
56
D0+
D0 True Output Bit.
1 AGND and DRGND should be tied to a common quiet ground plane.


Podobny numer części - AD9211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211 AD-AD9211 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-250EBZ AD-AD9211-250EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

Podobny opis - AD9211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com