Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211-170EB Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9211-170EB
Szczegółowy opis  10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211-170EB Arkusz danych(HTML) 5 Page - Analog Devices

  AD9211-170EB Datasheet HTML 1Page - Analog Devices AD9211-170EB Datasheet HTML 2Page - Analog Devices AD9211-170EB Datasheet HTML 3Page - Analog Devices AD9211-170EB Datasheet HTML 4Page - Analog Devices AD9211-170EB Datasheet HTML 5Page - Analog Devices AD9211-170EB Datasheet HTML 6Page - Analog Devices AD9211-170EB Datasheet HTML 7Page - Analog Devices AD9211-170EB Datasheet HTML 8Page - Analog Devices AD9211-170EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary Technical Data
AD9211
Rev. PrA | Page 5 of 21
DIGITAL SPECIFICATIONS
Table 3 (AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = –40°C, TMAX = +85°C, DCS Enabled unless otherwise noted.)
AD9211-170/-200
AD9211-250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS
Differential Input Voltage1
Full
tbd
tbd
V
Common-Mode Voltage2
Full
tbd
tbd
V
Input Resistance
Full
tbd
tbd
Input Capacitance
25°C
4
4
pF
LOGIC INPUTS
Logic 1 Voltage
Full
.8 x VDD
2.0
V
Logic 0 Voltage
Full
.2 x AVDD
0.8
V
Logic 1 Input Current
Full
10
10
μA
Logic 0 Input Current
Full
10
10
μA
Input Capacitance
25°C
4
4
pF
LOGIC OUTPUTS3
VOD Differential Output Voltage
Full
247
454
247
454
mV
VOS Output Offset Voltage
Full
1.125
1.375
1.125
1.375
V
Output Coding
Twos Complement, or Binary
Twos Complement, or Binary
1 All ac specifications tested by driving CLK+ and CLK– differentially, |(CLK+)– (CLK–)| > 200 mV.
2 Clock inputs’ common mode can be externally set, such that xx.xV < (Clk+ or Clk- ) < zzz V.
3 LVDS RTermination = 100


Podobny numer części - AD9211-170EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-250EBZ AD-AD9211-250EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-250EBZ AD-AD9211-250EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-300EBZ AD-AD9211-300EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

Podobny opis - AD9211-170EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com