Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211-170EB Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9211-170EB
Szczegółowy opis  10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211-170EB Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9211-170EB Datasheet HTML 2Page - Analog Devices AD9211-170EB Datasheet HTML 3Page - Analog Devices AD9211-170EB Datasheet HTML 4Page - Analog Devices AD9211-170EB Datasheet HTML 5Page - Analog Devices AD9211-170EB Datasheet HTML 6Page - Analog Devices AD9211-170EB Datasheet HTML 7Page - Analog Devices AD9211-170EB Datasheet HTML 8Page - Analog Devices AD9211-170EB Datasheet HTML 9Page - Analog Devices AD9211-170EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD9211
Preliminary Technical Data
Rev. PrA | Page 6 of 21
SWITCHING SPECIFICATIONS
Table 4. (AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = –40°C, TMAX = +85°C, DCS Enabled unless otherwise noted.)
AD9211-170/-200
AD9211-250
Parameter (Conditions)
Temp
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate1
Full
170/200
250
MSPS
Minimum Conversion Rate1
Full
40
40
MSPS
CLK+ Pulsewidth High (tEH)1
Full
TBD
TBD
ns
CLK+ Pulsewidth Low (tEL)1
Full
TBD
TBD
ns
OUTPUT (LVDS)
Valid Time (tV)
Full
TBD
TBD
ns
Propagation Delay (tPD)
Full
3.9
3.9
ns
Rise Time (tR) (20% to 80%)
25°C
0.4
0.4
ns
Fall Time (tF) (20% to 80%)
25°C
0.4
0.4
ns
DCO Propagation Delay (tCPD)
Full
3.2
3.2
ns
Data to DCO Skew (tPD– tCPD)
Full
TBD
TBD
ns
Latency (L)
Full
5
5
Cycles
Aperture Delay (tA)
25°C
TBD
TBD
ns
Aperture Uncertainty (Jitter, tJ)
25°C
0.2
0.2
ps rms
Out of Range Recovery Time
25°C
TBD
TBD
Cycles
1 All ac specifications tested by driving CLK+ and CLK– differentially.
N–1
N
N+1
N+L
N+L+1
N+L+2
N+L+3
tEH
tEL
1/fS
tA
N–L
tPD
L CYCLES
tV
N-L+1
N
N+1
N+2
tCPD
CLK+
CLK–
DATA
OUT
DCO–
DCO+
AIN
Figure 2. Timing Diagram (L=5 Cycles)


Podobny numer części - AD9211-170EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-250EBZ AD-AD9211-250EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-250EBZ AD-AD9211-250EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-300EBZ AD-AD9211-300EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

Podobny opis - AD9211-170EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com