Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75838E Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC75838E
Szczegółowy opis  1/8 to 1/10 Duty General-Purpose LCD Display Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75838E Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC75838E Datasheet HTML 1Page - Sanyo Semicon Device LC75838E Datasheet HTML 2Page - Sanyo Semicon Device LC75838E Datasheet HTML 3Page - Sanyo Semicon Device LC75838E Datasheet HTML 4Page - Sanyo Semicon Device LC75838E Datasheet HTML 5Page - Sanyo Semicon Device LC75838E Datasheet HTML 6Page - Sanyo Semicon Device LC75838E Datasheet HTML 7Page - Sanyo Semicon Device LC75838E Datasheet HTML 8Page - Sanyo Semicon Device LC75838E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
No. 6902-4/32
LC75838E, 75838W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
VOH1
S1 to S40: IO = –20 µA
VLCD0 – 0.6
Output high level voltage
VOH2
COM1 to COM10: IO = –100 µA
VLCD0 – 0.6
V
VOH3
P1 to P3: IO = –1 mA
VDD – 1.0
VOL1
S1 to S40: IO = 20 µA
VLCD4 + 0.6
Output low level voltage
VOL2
COM1 to COM10: IO = 100 µA
VLCD4 + 0.6
V
VOL3
P1 to P3: IO = 1 mA
1.0
2/4
2/4
VMID1
S1 to S40: IO = ±20 µA
(VLCD0 – VLCD4)
(VLCD0 – VLCD4)
–0.6
+0.6
3/4
3/4
Output middle level voltage *1
VMID2
COM1 to COM10: IO = ±100 µA
(VLCD0 – VLCD4)
(VLCD0 – VLCD4)
V
–0.6
+0.6
1/4
1/4
VMID3
COM1 to COM10: IO = ±100 µA
(VLCD0 – VLCD4)
(VLCD0 – VLCD4)
–0.6
+0.6
Oscillator frequency
fosc
OSC: ROSC = 43 kΩ, COSC = 680 pF
40
50
60
kHz
IDD1
VDD : Power saving mode
5
IDD2
VDD: VDD = 6.0 V, outputs open, fosc = 50 kHz
200
400
ILCD1
VLCD : Power saving mode
5
VLCD : VLCD = 11.0 V
ILCD2
Outputs open
500
1000
µA
Current drain
fosc = 50 kHz
When the display contrast adjustment circuit is used.
VLCD : VLCD = 11.0 V
ILCD3
Outputs open
250
500
fosc = 50 kHz
When the display contrast adjustment circuit is not used.
Electrical Characteristics for the Allowable Operating Ranges
Note: *1 Excluding the bias voltage generation divider resistor built into VLCD0, VLCD1, VLCD2 , VLCD3, and VLCD4. (See Figure 1.)


Podobny numer części - LC75838E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results

Podobny opis - LC75838E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com