Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12022A Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MC12022A
Szczegółowy opis  1.1GHz Dual Modulus Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12022A Arkusz danych(HTML) 2 Page - Motorola, Inc

  MC12022A Datasheet HTML 1Page - Motorola, Inc MC12022A Datasheet HTML 2Page - Motorola, Inc MC12022A Datasheet HTML 3Page - Motorola, Inc MC12022A Datasheet HTML 4Page - Motorola, Inc MC12022A Datasheet HTML 5Page - Motorola, Inc MC12022A Datasheet HTML 6Page - Motorola, Inc MC12022A Datasheet HTML 7Page - Motorola, Inc MC12022A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC12022A MC12022B
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to + 7.0
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE;
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = –40°C to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
ft
0.1
1.6
1.1
GHz
Supply Current Output Unloaded (Pin 2)
ICC
7.5
10
mA
Modulus Control Input High (MC)
VIH1
2.0
VCC
V
Modulus Control Input Low (MC)
VIL1
0.8
V
Divide Ratio Control Input High (SW)
VIH2
VCC
VCC
VCC
Vdc
Divide Ratio Control Input Low (SW)
VIL2
Open
Open
Open
Output Voltage Swing (CL = 12 pF; RL = 2.2 kΩ)
Vout
1.0
1.6
Vpp
Modulus Setup Time MC to Out
tset
11
16
ns
Input Voltage Sensitivity 250–1100 MHz
100–250 MHz
Vin
100
400
1500
1500
mVpp
Output Current (CL = 12 pF; RL = 2.2 kΩ)
IO
1.5
4.0
mA
Figure 2. Typical Output Waveforms
(
÷128, 1.1GHz Input Frequency, VCC = 5.0V, TA = 25°C, Output Loaded)
(
÷64, 500MHz Input Frequency, VCC = 5.0V, TA = 25°C, Output Loaded)
500 m
20 ns
500 m
20 ns


Podobny numer części - MC12022A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC120228BP MOTOROLA-MC120228BP Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022LVAD MOTOROLA-MC12022LVAD Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022LVAP MOTOROLA-MC12022LVAP Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022LVBD MOTOROLA-MC12022LVBD Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
More results

Podobny opis - MC12022A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
Sony Corporation
CXA1541M SONY-CXA1541M Datasheet
389Kb / 9P
   1.1GHz 2 Modulus Prescaler for Cellular Equipment
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com