Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDB5376 Arkusz danych(PDF) 33 Page - Cirrus Logic

Numer części CDB5376
Szczegółowy opis  Multichannel Seismic Evaluation System
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Arkusz danych(HTML) 33 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 29Page - Cirrus Logic CDB5376 Datasheet HTML 30Page - Cirrus Logic CDB5376 Datasheet HTML 31Page - Cirrus Logic CDB5376 Datasheet HTML 32Page - Cirrus Logic CDB5376 Datasheet HTML 33Page - Cirrus Logic CDB5376 Datasheet HTML 34Page - Cirrus Logic CDB5376 Datasheet HTML 35Page - Cirrus Logic CDB5376 Datasheet HTML 36Page - Cirrus Logic CDB5376 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
CDB5376
DS612DB2
33
it is recommended to use only the regulated +3.3 V jumper setting for VD. Characterization testing has
shown the VCORE power supply to the digital filter device requires +3 V or higher to operate at the max-
imum 16.384 MHz internal clock rate, so it is recommended to always use the regulated +3.3 V jumper
setting for VCORE.
The VD and VCORE power supplies on CDB5376 include reverse-biased Schottkey diodes to ground to
protect against reverse voltages that could latch-up the CMOS components. Also included on VD and
VCORE are 100 uF bulk capacitors for bypassing and to help settle transients plus individual 0.1 uF by-
pass capacitors local to the digital power supply pins of each device.
2.5
PCB Layout
2.5.1
Layer Stack
CDB5376 layers 1 and 2 are dedicated as analog routing layers. All critical analog signal routes are on
these two layers. Some CPLD and microcontroller digital routes are also included on these layers away
from the analog signal routes.
CDB5376 layer 3 is dedicated for power supply routing. Each power supply net includes at least 100 µF
bulk capacitance as a charge well for settling transient current loads.
CDB5376 layer 4 is a solid ground plane without splits or routing. A soild ground plane provides the best
return path for bypassed noise to leave the system. No separate analog ground is required since analog
signals on CDB5376 are differentially routed.
CDB5376 layers 5 and 6 are dedicated as digital routing layers.
2.5.2
Differential Pairs
Analog signal routes on CDB5376 are differential with dedicated + and - traces. All source and return an-
alog signal currents are constrained to the differential pair route and do not return through the ground
plane. Differential traces are routed together with a minimal gap between them so that noise events affect
them equally and are rejected as common mode noise.
Analog signal connections into the CS3301/02 amplifiers are 2-wire IN+ and IN- differential pairs, and are
routed as such. Analog signal connections out of the CS3301/02 amplifiers and into the CS5372 modu-
Figure 4. Differential Pair Routing
IN+
IN-


Podobny numer części - CDB5376

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CDB5378 CIRRUS-CDB5378 Datasheet
3Mb / 72P
   Single-channel Seismic Evaluation System
More results

Podobny opis - CDB5376

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CDB5378 CIRRUS-CDB5378 Datasheet
3Mb / 72P
   Single-channel Seismic Evaluation System
CRD5376 CIRRUS-CRD5376 Datasheet
3Mb / 68P
   Multichannel Seismic Reference Design
logo
Amphenol Wilcoxon Sensi...
731A-P31 WILCOXON-731A-P31 Datasheet
336Kb / 1P
   Seismic accelerometer and power amplifier system
Rev.C.3 09/18
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
logo
Bud Industries, Inc.
SCR8836 BUD-SCR8836 Datasheet
237Kb / 1P
   SEISMIC RACK
logo
Maxim Integrated Produc...
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com