Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CRD5376 Arkusz danych(PDF) 38 Page - Cirrus Logic

Numer części CRD5376
Szczegółowy opis  Multichannel Seismic Reference Design
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD5376 Arkusz danych(HTML) 38 Page - Cirrus Logic

Back Button CRD5376 Datasheet HTML 34Page - Cirrus Logic CRD5376 Datasheet HTML 35Page - Cirrus Logic CRD5376 Datasheet HTML 36Page - Cirrus Logic CRD5376 Datasheet HTML 37Page - Cirrus Logic CRD5376 Datasheet HTML 38Page - Cirrus Logic CRD5376 Datasheet HTML 39Page - Cirrus Logic CRD5376 Datasheet HTML 40Page - Cirrus Logic CRD5376 Datasheet HTML 41Page - Cirrus Logic CRD5376 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
CRD5376
38
DS612RD1
3.3.5
Gain/Offset
The Gain / Offset sub-panel controls the digital filter GAIN and OFFSET registers for each channel.
The OFFSET and GAIN registers can be manually written with any 24-bit 2’s complement value from
0x800000 to 0x7FFFFF. The USEGR, USEOR, ORCAL, and EXP[4:0] values enable gain correction, off-
set correction, and offset calibration in the digital filter.
The offset calibration routine built into the digital filter is enabled by writing the ORCAL and EXP[4:0] bits.
The EXP[4:0] value can range from 0x00 to 0x18 and represents an exponential shift of the calibration
feedback, as described in the digital filter data sheet. Offset calibration results are automatically written to
the OFFSET registers and remain there, even after offset calibration is disabled.
Control
Description
Gain
Displays the digital filter GAIN1 to GAIN4 registers.
Offset
Displays the digital filter OFFSET1 to OFFSET4 registers.
Read
Reads values from the GAIN and OFFSET registers.
Write
Writes values to the GAIN and OFFSET registers.
USEGR
Enables gain correction. When enabled, output samples are gained down by the
value in the GAIN register.(Output = GAIN / 0x7FFFFF).
USEOR
Enables offset correction. When enabled, output samples are offset by the value in
the OFFSET register. (Output = Sample - OFFSET).
ORCAL
Enables offset calibration using the exponent value from the EXP[4:0] control.
Results are automatically written to the OFFSET registers as they are calculated.
EXP[4:0]
Sets the exponential value used by offset calibration.


Podobny numer części - CRD5376

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
   Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
More results

Podobny opis - CRD5376

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CDB5376 CIRRUS-CDB5376 Datasheet
5Mb / 78P
   Multichannel Seismic Evaluation System
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com