Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13077DW Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC13077DW
Szczegółowy opis  ADVANCED PAL/NTSC ENCODER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13077DW Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC13077DW Datasheet HTML 1Page - Motorola, Inc MC13077DW Datasheet HTML 2Page - Motorola, Inc MC13077DW Datasheet HTML 3Page - Motorola, Inc MC13077DW Datasheet HTML 4Page - Motorola, Inc MC13077DW Datasheet HTML 5Page - Motorola, Inc MC13077DW Datasheet HTML 6Page - Motorola, Inc MC13077DW Datasheet HTML 7Page - Motorola, Inc MC13077DW Datasheet HTML 8Page - Motorola, Inc MC13077DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Zo = 75
75
75
1.0
k
Zo = 75
75
75
1.0
k
Zo = 75
75
75
1.0
k
1.4 V
2.0 V
10 k
400
Vref
VCC
2.0 k
gm
gm
10 k
MC13077
4
MOTOROLA ANALOG IC DEVICE DATA
PIN DESCRIPTIONS
Pin
Symbol
Internal Equivalent
Schematic
Description
Expected Waveforms
1
VCC
Supply Voltage
+ 5.0 Vdc
±10%
2
Comp
Video
Composite Video output. The external
75
Ω series resistor determines the
impedance of the output. The output will
drive a 75
Ω load through a 75 Ω coax.
1.0 Vpp (75% Color Saturation),
1.23 Vpp (100% Color Saturation) at
the 75
Ω load.
3
Luma
S–Video
Luminance S–Video output. The external
75
Ω series resistor determines the
impedance of the output. The output will
drive a 75
Ω load through a 75 Ω coax.
1.0 Vpp with sync (100% output) at the
75
Ω load.
4
Chroma
S–Video
Chrominance S–Video output. The
external 75
Ω series resistor determines
the impedance of the output. The output
will drive a 75
Ω load through a 75 Ω
coax.
885 mVpp (100% output) when at the
75
Ω load.
5
Luma
Clamp
Luminance Output Clamp storage
capacitor. A 0.01
µF capacitor should be
connected from this pin to ground.
3.4 Vdc.
6
YIn
Luminance input from the delay line. The
delayed Luma from Pin 10 is applied at
this pin.
500 mVpp of Composite Luma when
100% saturated RGB inputs are applied.
7
Sync In/
Sync Sep
Composite Sync input. Negative going
sync should be applied at this pin. The
input has a threshold of 1.4 V.
The peak voltage may not exceed VCC.
Minimum voltage should not be less than
0 V. See Figure 2 for input requirements.
8
4x fsc Xtal
/4x fsc In
Four times Subcarrier Frequency Crystal
Oscillator pin. This pin provides for the
connection of the oscillator resonant
element. Pin may also be driven directly
with a 4x subcarrier signal.
300 to 600 mVpp 4x subcarrier input if
the pin is being externally driven.
Approximately 40 mVpp, if a crystal is
being used.
9
3.58/
4.43 MHz
In/PLL Off
External Subcarrier Input. This pin
provides an input to a Phase Detector and
PLL and allows phase–lock of the 4x
oscillator to an external subcarrier
reference. To disable the PLL, this pin
should be grounded. 400 Hz of pull–in and
lock–in range is possible with a crystal.
0.10 to 3.0 Vpp (AC coupled) of
subcarrier to phase–lock 4x oscillator or
grounded to disable the PLL.


Podobny numer części - MC13077DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

Podobny opis - MC13077DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
   NTSC/PAL Encoder
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com