Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13142 Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC13142
Szczegółowy opis  LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13142 Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MC13142 Datasheet HTML 3Page - Motorola, Inc MC13142 Datasheet HTML 4Page - Motorola, Inc MC13142 Datasheet HTML 5Page - Motorola, Inc MC13142 Datasheet HTML 6Page - Motorola, Inc MC13142 Datasheet HTML 7Page - Motorola, Inc MC13142 Datasheet HTML 8Page - Motorola, Inc MC13142 Datasheet HTML 9Page - Motorola, Inc MC13142 Datasheet HTML 10Page - Motorola, Inc MC13142 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC13142
7
MOTOROLA RF/IF DEVICE DATA
Figure 2. 900 MHz Circuit Side Component Placement View
NOTES: The PCB is laidout for the 4DFA (2 pole SMD type) and 4DFB (3 pole SMD type) filters which are available for applications in
cellular and GSM,GPS (1.2–1.5 GHz), DECT, PHS and PCS (1.8–2.0 GHz) and ISM Bands (902–928 MHz and 2.4–2.5 GHz).
In the component placement shown above, the 926.5 MHz dielectric type image filter is used (Toko Part # 4DFA–926A10).
The PCB also accommodates a surface mount SAW filter in an eight or six pin ceramic package for the cellular base and
handset frequencies. Recommended manufacturers are Siemens and Murata.
Traces are provided on the PCB to evaluate the LNA and mixer separately. The component placement view shows external
circuit components used for the 926.5 MHz application circuit. Note: some traces must be cut to accommodate placement of
components; likewise some traces must be shorted. The voltage controlled oscillator is shown with the varactor referenced to
VEE ground. The PCB is modified as shown to do this.
16:1 broadband impedance transformer is mini circuits part #TX16–R3T; it is in the leadless surface mount “TX” package.
Components L and C comprise a low pass filter used to provide narrowband matching at a given IF frequency. For example at
49 MHz C = 36 p and L = 330 nH.
The microstrip trace on the ground side of the PCB is intended for a microstrip resonator; it is cut free when using a lump
inductor as done above.
Mix Lin Cont
Mix In
LNA
Input
Toko
926A10
Dielectric
Filter
16:1
Impedance
Transformer
IF
Out
MC13142D
Rev A
LNA
Output
VCC
V–Cont
100 p
18 nH
51
PC
Rotary
Switch
L
2.4 p
2.4 p
47 p
390 nH
5.6 p
100 p
33 k
120 k
MC13142D
LO
Buf
Out
C
MMBV809
6.8 nH


Podobny numer części - MC13142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Podobny opis - MC13142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com