Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELM99XXXA Arkusz danych(PDF) 4 Page - ELM Electronics

Numer części ELM99XXXA
Szczegółowy opis  LOW SATURATION VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELM [ELM Electronics]
Strona internetowa  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99XXXA Arkusz danych(HTML) 4 Page - ELM Electronics

  ELM99XXXA Datasheet HTML 1Page - ELM Electronics ELM99XXXA Datasheet HTML 2Page - ELM Electronics ELM99XXXA Datasheet HTML 3Page - ELM Electronics ELM99XXXA Datasheet HTML 4Page - ELM Electronics ELM99XXXA Datasheet HTML 5Page - ELM Electronics ELM99XXXA Datasheet HTML 6Page - ELM Electronics ELM99XXXA Datasheet HTML 7Page - ELM Electronics ELM99XXXA Datasheet HTML 8Page - ELM Electronics ELM99XXXA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
223
LOW SATURATION VOLTAGE REGULATOR ELM99xxxA
BLOCK DIAGRAM
STANDARD CIRCUIT
VOUT
VSS
Vref
Protect
Circuit
VIN
-
+
VIN
VOUT
CI
CO
VSS
VIN
VOUT
ELM99xx1A
VIN
VOUT
CI
CO
VSS
VIN
VOUT
ELM99xx2A
ELM99xx3A
Control Voltage
CE/CE
CE/CE
VOUT
VSS
Vref
Protect
Circuit
VIN
-
+
Control
Circuit
ELM99xx1A
ELM99xx2A, ELM99xx3A
* CE : ELM99xx2A, CE : ELM99xx3A
ELM99xx1A
ELM99xx2A, ELM99xx3A
* CE : ELM99xx2A, CE : ELM99xx3A
MAXIMUM ABSOLUTE RATINGS
(VSS=0V)
Parameter
Limits
Units
Input Voltage
12
V
CE/CE Input Voltage
VSS-0.3~VIN+0.3
V
Output Voltage
VSS-0.3~VIN+0.3
V
Output Current
500
mA
SOT-89
300
SOT-89-5
500
Operating Temperature
-30~+80
Storage Temperature
-40~+125
mW
Sym.
VIN
VCE
VOUT
IOUT
Top
Tstg
Power Dissipation
Pd
* Output current must not exceed power dissipation specified in Maximum Absolute Ratings.


Podobny numer części - ELM99XXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-N ELM-TECH-ELM99271271BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
More results

Podobny opis - ELM99XXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com