Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EL34 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC100EL34
Szczegółowy opis  5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL34 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC100EL34 Datasheet HTML 1Page - ON Semiconductor MC100EL34 Datasheet HTML 2Page - ON Semiconductor MC100EL34 Datasheet HTML 3Page - ON Semiconductor MC100EL34 Datasheet HTML 4Page - ON Semiconductor MC100EL34 Datasheet HTML 5Page - ON Semiconductor MC100EL34 Datasheet HTML 6Page - ON Semiconductor MC100EL34 Datasheet HTML 7Page - ON Semiconductor MC100EL34 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL34, MC100EL34
http://onsemi.com
5
AC CHARACTERISTICS VCC= 5.0 V; VEE= 0.0 V or VCC= 0.0 V; VEE= –5.0 V (Note 1.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
TBD
TBD
TBD
GHz
tPLH
tPHL
Propagation
CLK to Q0
Delay to
CLK to Q1,2
Output
MR to Q
960
900
750
1200
1140
1060
960
900
750
1200
1140
1060
970
910
790
1210
1150
1090
ps
tSKEW
Within-Device Skew (Note 2.)
100
100
100
ps
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
tS
Setup Time EN
400
400
400
ps
tH
Hold Time EN
250
250
250
ps
tRR
Set/Reset Recovery
400
200
400
200
400
200
ps
VPP
Input Swing (Note 3.)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
275
525
275
525
275
525
ps
1. 10 Series: VEE can vary +0.06 V / –0.5 V.
100 Series: VEE can vary +0.8 V / –0.5 V.
2. Within-device skew is defined as identical transitions on similar paths through a device.
3. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.
Figure 1. Timing Diagram
CLK
Q0
Q1
Q2
EN
The EN signal will freeze the internal clocks to the flip–flops on the first falling edge of CLK after its assertion. The internal
dividers will maintain their state during the internal clock freeze and will return to clocking once the internal clocks are unfrozen.
The outputs will transition to their next states in the same manner, time and relationship as they would have had the EN signal
not been asserted.
Internal Clock
Disabled
Internal Clock
Enabled
RESET
tRR


Podobny numer części - MC100EL34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL34 ONSEMI-MC100EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100EL34 ONSEMI-MC100EL34 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34D ONSEMI-MC100EL34D Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100EL34D ONSEMI-MC100EL34D Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34DG ONSEMI-MC100EL34DG Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
More results

Podobny opis - MC100EL34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com