Zakładka z wyszukiwarką danych komponentów |
|
TC1017-2.7VLT Arkusz danych(PDF) 3 Page - Microchip Technology |
|
TC1017-2.7VLT Arkusz danych(HTML) 3 Page - Microchip Technology |
3 / 22 page 2003 Microchip Technology Inc. DS21813B-page 3 TC1017 Settling Time (from Shutdown Mode) tS —32 — µs VIN = 5V, IL = 60 mA, CIN = 1 µF, COUT = 1µF, f = 100 Hz Output Short-Circuit Current IOUTSC —120 — mA VOUT = 0V, Average Current Thermal Regulation VOUT/PD —0.04 — V/W Notes 6, 7 Thermal Shutdown Die Temperature TSD —160 — °C Thermal Shutdown Hysteresis ∆TSD —10 — °C Output Noise eN — 800 — nV/ √Hz f = 10 kHz SHDN Input High Threshold VIH 45 —— %VIN VIN = 2.7V to 6.0V SHDN Input Low Threshold VIL —— 15 %VIN VIN = 2.7V to 6.0V ELECTRICAL CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C Boldface type specifications apply for junction temperatures of – 40°C to +125°C. Parameter Sym Min Typ Max Units Test Conditions Note 1: The minimum V IN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ (VR + 2.5%) + VDROPOUT. 2: V R is the regulator voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 3.0V. 3: 4: Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 5: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value at a 1V differential. 6: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for t = 10 msec. 7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e. T A, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 5.1, “Thermal Considerations”, for more details . TCVOUT VOUTMAX VOUTMIN – () 10 6 × VOUT T ∆ × -------------------------------------------------------------------------------------- = TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V and VSS = GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +85 °C Industrial Temperature parts TA -40 — +125 °C Extended Temperature parts Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 5L-SOT23 θJA —255 — °C/W Thermal Resistance, 5L-SC-70 θJA — 450 — °C/W |
Podobny numer części - TC1017-2.7VLT |
|
Podobny opis - TC1017-2.7VLT |