Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5447P Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC14LC5447P
Szczegółowy opis  Calling Line Identification (CLID) Receiver with Ring Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5447P Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MC14LC5447P Datasheet HTML 3Page - Motorola, Inc MC14LC5447P Datasheet HTML 4Page - Motorola, Inc MC14LC5447P Datasheet HTML 5Page - Motorola, Inc MC14LC5447P Datasheet HTML 6Page - Motorola, Inc MC14LC5447P Datasheet HTML 7Page - Motorola, Inc MC14LC5447P Datasheet HTML 8Page - Motorola, Inc MC14LC5447P Datasheet HTML 9Page - Motorola, Inc MC14LC5447P Datasheet HTML 10Page - Motorola, Inc MC14LC5447P Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC14LC5447
MOTOROLA
7
Electronic file not available for
this figure. To view the complete
document, order it from the
Literature Center.
Figure 4. MC14LC5447 V.23 Operation
(Typical BER vs SNR)
Electronic file not available for
this figure. To view the complete
document, order it from the
Literature Center.
Figure 5. MC14LC5447 Bell 202 Operation
(Typical BER vs SNR)
VDD
RT
N/C
RDI2
RDI1
RI
TI
1
2
3
4
5
6
7
PWRUP
OSCin
CLKSIN
RDO
CDO
DOR
DOC
15
14
13
12
11
10
9
OSCout
VDD
16
VDD
8
30 pF
30 pF
3.579 MHz
500 pF
500 pF
0.1
µf
10 k
10 k
10 M
Figure 6. Full–Time Power without Ring Detect
TIP
RING
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Podobny numer części - MC14LC5447P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC14LC5480 FREESCALE-MC14LC5480 Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480DW FREESCALE-MC14LC5480DW Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480P FREESCALE-MC14LC5480P Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480SD FREESCALE-MC14LC5480SD Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
More results

Podobny opis - MC14LC5447P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
logo
Integrated Circuit Syst...
ICS1660 ICST-ICS1660 Datasheet
108Kb / 7P
   Incoming Call Line Identification (ICLID) Receiver with Ring Detection
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
   Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com