Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5447P Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MC14LC5447P
Szczegółowy opis  Calling Line Identification (CLID) Receiver with Ring Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5447P Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button MC14LC5447P Datasheet HTML 4Page - Motorola, Inc MC14LC5447P Datasheet HTML 5Page - Motorola, Inc MC14LC5447P Datasheet HTML 6Page - Motorola, Inc MC14LC5447P Datasheet HTML 7Page - Motorola, Inc MC14LC5447P Datasheet HTML 8Page - Motorola, Inc MC14LC5447P Datasheet HTML 9Page - Motorola, Inc MC14LC5447P Datasheet HTML 10Page - Motorola, Inc MC14LC5447P Datasheet HTML 11Page - Motorola, Inc MC14LC5447P Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC14LC5447
MOTOROLA
8
APPLICATION CIRCUIT
RT 6
NC 5
RDI1 3
RI 2
TI 1
RDI2 4
PWRUP 7
12 RDO
13 CDO
14 DOR
15 DOC
11 CLKSIN
10 OSCin
9 OSCout
MC14LC5447
3.579 MHz
30 pF
10 M
VDD
TO PC
TO PC
16
8
0.1
µF
MC145407
VDD
TIP
RING
1N4004x4
500 pF
500 pF
C4
C3
C1
C2
10 k
10 k
470 k
18 k
15 k
270 k
4.7 M
PROTECTION
NETWORK
30 pF
0.2
µF
+5 V
+5 V
0.33
µF
NOTE: C1 and C2
≥ 0.2 µF required for line
isolation. C1 through C4 are 250 V min,
non–polarized.
Figure 7. Partial Implementation of PC Interface to Tip and Ring
Timing Diagram for Figure 7
DOC
DATA
NOTES:
1. Wired ‘OR’ RDO with CDO.
2. Overlap of RDO edge with CDO edge to ensure part stays in PWRUP determined by RC time constant on RDO, PWRUP,
and CDO pin.
3. Part reverts to PWR ON, on rising edge of RDO since there is no CDO.
NOTE 1
CDO
3.58 MHz, 3.6864, OR 455 kHz
PWRUP
RDO
RT
DOR
SECOND RING
0.5
SEC
2 SECONDS
RI
OSC
DATA
DATA
NOTE 1
NOTE 2
2 SECONDS
FIRST RING
0.5
SEC
0101
1
NOTE 3
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Podobny numer części - MC14LC5447P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC14LC5480 FREESCALE-MC14LC5480 Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480DW FREESCALE-MC14LC5480DW Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480P FREESCALE-MC14LC5480P Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480SD FREESCALE-MC14LC5480SD Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
More results

Podobny opis - MC14LC5447P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
logo
Integrated Circuit Syst...
ICS1660 ICST-ICS1660 Datasheet
108Kb / 7P
   Incoming Call Line Identification (ICLID) Receiver with Ring Detection
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
   Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com