Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5447DW Arkusz danych(PDF) 10 Page - Motorola, Inc

Numer części MC14LC5447DW
Szczegółowy opis  Calling Line Identification (CLID) Receiver with Ring Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5447DW Arkusz danych(HTML) 10 Page - Motorola, Inc

Back Button MC14LC5447DW Datasheet HTML 4Page - Motorola, Inc MC14LC5447DW Datasheet HTML 5Page - Motorola, Inc MC14LC5447DW Datasheet HTML 6Page - Motorola, Inc MC14LC5447DW Datasheet HTML 7Page - Motorola, Inc MC14LC5447DW Datasheet HTML 8Page - Motorola, Inc MC14LC5447DW Datasheet HTML 9Page - Motorola, Inc MC14LC5447DW Datasheet HTML 10Page - Motorola, Inc MC14LC5447DW Datasheet HTML 11Page - Motorola, Inc MC14LC5447DW Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC14LC5447
MOTOROLA
10
DATA WORD
COUNT
30 BYTES/600 Hz
01010101
DATA
04 – 15 – 16 –
21
512 555 1212
MO – DAY – HOUR – MINUTE – NUMBER
144 BITS MAX
CHECK
SUM
MESSAGE
TYPE WORD
MARKS
STD RING/20 Hz
2 s
0.5
s
0.5
s
495
ms
4 s
2 s
250 ms
70
ms
175 ms
8
BITS
8
BITS
8
BITS
Figure 9. Single Message Format
PARAMETER
LENGTH WORD
PARAMETER
TYPE WORD
PARAMETER
LENGTH WORD
STD RING/20 Hz
0.5
s
2 s
VARIABLE
4 s
0.5
s
2 s
30 BYTES/600 Hz
01010101
DATA
MARKS
250 ms
VARIABLE
DATA
144 DATA BITS
CHECK
SUM
8
BITS
DATA
8
BITS
8
BITS
8
BITS
8
BITS
8
BITS
8
BITS
70
ms
04 – 15 – 16 –
21
512 555 1212
MO – DAY – HOUR – MINUTE – NUMBER
CALLING NAME
PARAMETER
TYPE WORD
MESSAGE
LENGTH WORD
MESSAGE
TYPE WORD
Figure 10. Multiple Message Format
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Podobny numer części - MC14LC5447DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC14LC5480 FREESCALE-MC14LC5480 Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480DW FREESCALE-MC14LC5480DW Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480P FREESCALE-MC14LC5480P Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480SD FREESCALE-MC14LC5480SD Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
More results

Podobny opis - MC14LC5447DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
logo
Integrated Circuit Syst...
ICS1660 ICST-ICS1660 Datasheet
108Kb / 7P
   Incoming Call Line Identification (ICLID) Receiver with Ring Detection
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
   Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com