Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6322CRZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL6322CRZ
Szczegółowy opis  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322CRZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL6322CRZ Datasheet HTML 5Page - Intersil Corporation ISL6322CRZ Datasheet HTML 6Page - Intersil Corporation ISL6322CRZ Datasheet HTML 7Page - Intersil Corporation ISL6322CRZ Datasheet HTML 8Page - Intersil Corporation ISL6322CRZ Datasheet HTML 9Page - Intersil Corporation ISL6322CRZ Datasheet HTML 10Page - Intersil Corporation ISL6322CRZ Datasheet HTML 11Page - Intersil Corporation ISL6322CRZ Datasheet HTML 12Page - Intersil Corporation ISL6322CRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
FN6328.0
August 21, 2006
Timing Diagram
Overvoltage Hysteresis
VSEN falling
100
mV
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF load, 10% to 90%
26
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF load, 10% to 90%
18
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF load, 90% to 10%
18
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF load, 90% to 10%
12
ns
UGATE Turn-On Non-Overlap
tPDHUGATE; VPVCC = 12V, 3nF load, adaptive
10
ns
LGATE Turn-On Non-Overlap
tPDHLGATE; VPVCC = 12V, 3nF load, adaptive
10
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 15mA source current
1.25
2.0
3.0
Ω
Upper Drive Sink Resistance
VPVCC = 12V, 15mA sink current
0.9
1.65
3.0
Ω
Lower Drive Source Resistance
VPVCC = 12V, 15mA source current
0.85
1.25
2.2
Ω
Lower Drive Sink Resistance
VPVCC = 12V, 15mA sink current
0.60
0.80
1.35
Ω
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UGATE
LGATE
tFLGATE
tPDHUGATE
tRUGATE
tFUGATE
tPDHLGATE
tRLGATE
ISL6322
ISL6322


Podobny numer części - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
logo
Renesas Technology Corp
ISL6322CRZ RENESAS-ISL6322CRZ Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results

Podobny opis - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com