Zakładka z wyszukiwarką danych komponentów |
|
MC12040 Arkusz danych(PDF) 2 Page - Motorola, Inc |
|
MC12040 Arkusz danych(HTML) 2 Page - Motorola, Inc |
2 / 5 page MC12040 2 MOTOROLA RF/IF DEVICE DATA ELECTRICAL CHARACTERISTICS The MC12040 has been designed to meet the dc specifications shown in the test table after thermal equilibrium has been established. Outputs are terminated through a 50 ohm resistor to +3.0 V for +5.0 V tests and through a 50 ohm resistor to –2.0 V for –5.2 V tests. 6 R 9V U4 D 12 D11 U 3 TEST VOLTAGE VALUES (Volts) @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE 0 °C –0.840 –1.870 –1.145 –1.490 –5.2 25 °C –0.810 –1.850 –1.105 –1.475 –5.2 Supply Voltage = –5.2V 75 °C –0.720 –1.830 –1.045 –1.450 –5.2 Pi MC12040 TEST VOLTAGE APPLIED TO PINS BELOW Pin Under 0 °C 25 °C 75 °C TEST VOLTAGE APPLIED TO PINS BELOW (VCC) Symbol Characteristics Under Test Min Max Min Max Min Max Unit VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd IE Power Supply Drain 7 –120 –60 mAdc 7 1,14 IINH Input Current 6 9 350 350 µAdc 6 9 7 7 1,14 1,14 VOH 1 Logic “1” Output Voltage 3 4 11 12 –1.000 –0.840 –0.960 –0.810 –0.900 –0.720 Vdc 7 1,14 VOL 1 Logic “0” Output Voltage 3 4 11 12 –1.870 –1.635 –1.850 –1.620 –1.830 –1.595 Vdc 7 1,14 VOHA 2 Logic “1” Input Voltage 3 4 11 12 –1.020 –0.980 –0.920 Vdc 6.9 7 1,14 VOLA 2 Logic “0” Input Voltage 3 4 11 12 –1.615 –1.600 –1.575 Vdc 9 6 9 6 6 9 6 9 7 1,14 TEST VOLTAGE VALUES (Volts) @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE 0 °C +4.160 +3.130 +3.855 +3.510 +5.0 25 °C +4.190 +3.150 +3.895 +3.525 +5.0 Supply Voltage = +5.0V 75 °C +4.280 +3.170 +3.955 +3.550 +5.0 Pi MC12040 TEST VOLTAGE APPLIED TO PINS BELOW Pin Under 0 °C 25 °C 75 °C TEST VOLTAGE APPLIED TO PINS BELOW (VCC) Symbol Characteristics Under Test Min Max Min Max Min Max Unit VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd IE Power Supply Drain 7 –115 –60 mAdc 1,14 7 IINH Input Current 6 9 350 350 µAdc 6 9 1,14 1,14 7 7 VOH 1 Logic “1” Output Voltage 3 4 11 12 4.000 4.160 4.040 4.190 4.100 4.280 Vdc 1,14 7 VOL 1 Logic “0” Output Voltage 3 4 11 12 3.190 3.430 3.210 3.440 3.230 3.470 Vdc 1,14 7 VOHA 2 Logic “1” Input Voltage 3 4 11 12 3.980 4.020 4.080 Vdc 6.9 1,14 7 VOLA 2 Logic “0” Input Voltage 3 4 11 12 3.450 3.460 3.490 Vdc 9 6 9 6 6 9 6 9 1,14 7 NOTE: For more information on using an ECL device in a +5V system, refer to Motorola Application Note AN1406/D, “Designing with PECL (ECL at +5.0V)” |
Podobny numer części - MC12040 |
|
Podobny opis - MC12040 |