Zakładka z wyszukiwarką danych komponentów |
|
LC-155B1L1 Arkusz danych(PDF) 1 Page - Delta Electronics, Inc. |
|
LC-155B1L1 Arkusz danych(HTML) 1 Page - Delta Electronics, Inc. |
1 / 6 page LC-155Bxxxx DELTA ELECTRONICS, INC. 1 www.deltaww.com September 23, 2004 Revision:03 155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 Features: Full Compliance with the Optical Performance Requirements of the ATM 100Mbps and 100 Base-FX Version of IEEE 802.3u. Multisource 2x5 package styles with LC Receptacle. Single 5V(LC-155B1 and LC-155B3 Series)or 3.3V(LC-155B2 and LC-155B4 Series)Power Supply. PECL Differential Inputs and Outputs. PECL(LC-155B1 and LC-155B2 Series) or TTL(LC-155B3 and LC-155B4 Series) Receiver Signal Detect Indicator. Wave Solder and Aqueous Wash Process Compatible. Description: The LC-155Bxxxx series from DELTA are SFF (Small Form Factor) optical transceiver modules designed expressly for high-speed communication applications that require rates of up to 155Mbps. They are all compliant with the SONET/SDH standards. The LC-155Bxxxx transceivers are supplied in 2x5 DIP package style with duplex LC connector and are fully complaint with SFF Multi Source Agreement (MSA). All LC-155Bxxxx series can meet Class-1 eye safety standard and effective distance depends on ITU-T G.957 standard or power penalty. The transmitter sections utilize 1310nm Edge Emitting InGaAsP Laser Diode. This Laser Diode is packaged in the optical subassembly portion of the transmitter section. A custom silicon IC that converts differential PECL logical signals into an analog LD driving current then drive it. The receiver sections utilize InGaAs PIN photodiodes coupled into a custom silicon transimpedance preamplifier IC. These are packaged in the optical subassembly portion of receiver. These PIN / Preamplifier combinations are coupled into a custom quantizer IC which provides the final pulse shaping for the logic output and the Signal Detect function. The data output is differential. The signal detect output is single-ended. Application: Single-mode Fiber Backbone Links. Fast Ethernet and ATM Compatible. Single-mode Fiber Media Converter. |
Podobny numer części - LC-155B1L1 |
|
Podobny opis - LC-155B1L1 |