Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12181D Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC12181D
Szczegółowy opis  125 - 1000 MHZ FREQUENCY SYNTHESIZER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12181D Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC12181D Datasheet HTML 1Page - Motorola, Inc MC12181D Datasheet HTML 2Page - Motorola, Inc MC12181D Datasheet HTML 3Page - Motorola, Inc MC12181D Datasheet HTML 4Page - Motorola, Inc MC12181D Datasheet HTML 5Page - Motorola, Inc MC12181D Datasheet HTML 6Page - Motorola, Inc MC12181D Datasheet HTML 7Page - Motorola, Inc MC12181D Datasheet HTML 8Page - Motorola, Inc MC12181D Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC12181
4
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; VP = VCC to 6.0 V; TA = –40 to +85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Condition
Supply Current for VCC
ICC
4.0
5.5
mA
Note 1
Supply Current for VP
IP
0.25
0.5
mA
Note 1
Input Frequency Range
OSCin
5
25
MHz
Note 2
RF Input Frequency Range
Fin
125
1000
MHz
Note 3
Fin Input Sensitivity
Vin
100
1000
mVpp
Note 4
OSCin Input Sensitivity
VOSC
500
2200
mVpp
Note 4
Output Source Current (Do)
IOH
–2.8
–2.2
–2.0
mA
Note 5
–2.4
–2.0
–1.6
Note 6
Output Sink Current (Do)
IOL
2.0
2.4
2.8
mA
Note 5
1.6
2.0
2.4
Note 6
Output Leakage Current (Do)
IOZ
0.5
10
nA
VCC=5.5; VP = 6.0 V;
VDo=0.5 to 5.5 V
Charge Pump Operating Volt
VDo
0.5
VP–0.5
V
Input HIGH Voltage
Reset, A, B, C, D
VIH
0.7 VCC
V
Input LOW Voltage
Reset, A, B, C, D
VIL
0.3 VCC
V
Input HIGH Current
A, B, C, D
IIH
+1
µA
Reset
+100
Input LOW Current
A, B, C, D
IIL
–100
µA
Reset
–1
+1
Output Amplitude
(Pout, Rout)
Vout
250
400
mVpp
Note 7
NOTES: 1. VCC and VP = 5.5 V; Fin = 1.0 GHz; OSCin = 25 MHz; Do open.
2. Assumes C1 and C2 (Figure 2) limited to ≤30 pF each including stray capacitance in crystal mode, ac coupled input for external reference mode.
3. AC coupling, Fin measured with a 1000pF capacitor.
4. Signal ac coupling in input.
5. VCC = 5.5 V; VP = 6.0 V; VDO = 3.0 V.
6. VP = VCC = 3.0 V; VDO = 1.5 V.
7. Minimum resistor value of 25 k
Ω to ground.


Podobny numer części - MC12181D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RCD COMPONENTS INC.
MC1210 RCD-MC1210 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
logo
Motorola, Inc
MC12100 MOTOROLA-MC12100 Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12100P MOTOROLA-MC12100P Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12101 MOTOROLA-MC12101 Datasheet
150Kb / 7P
   130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
List of Unclassifed Man...
MC1210N ETC-MC1210N Datasheet
124Kb / 2P
   LSI CMOS
More results

Podobny opis - MC12181D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD809 AD-AD809 Datasheet
282Kb / 8P
   155.52 MHz Frequency Synthesizer
REV. A
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
logo
Analog Devices
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
logo
Tyco Electronics
MAVC-060103-132600 MACOM-MAVC-060103-132600 Datasheet
197Kb / 3P
   Synthesizer , SMT 2496 - 2700 MHz, 1000 kHz
MAVC-060103-132100 MACOM-MAVC-060103-132100 Datasheet
197Kb / 3P
   Synthesizer , SMT 2055 - 2265 MHz, 1000 kHz
logo
SYNERGY MICROWAVE CORPO...
BLK-711N SYNERGY-BLK-711N Datasheet
31Kb / 1P
   FREQUENCY RANGE: 1 - 1000 MHz
logo
Tyco Electronics
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
   Synthesizer , SMT Fixed Frequency, 144 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com