Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBT9013 Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części MMBT9013
Szczegółowy opis  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT9013 Arkusz danych(HTML) 2 Page - Unisonic Technologies

  MMBT9013 Datasheet HTML 1Page - Unisonic Technologies MMBT9013 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC MMBT9013
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R206-021,A
CLASSIFICATION OF hFE1
RANK
D
E
F
G
H
I
RANGE
64-91
78-112
96-135
112-166
144-202
190-300
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - MMBT9013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
MMBT9013 SEMTECH_ELEC-MMBT9013 Datasheet
236Kb / 2P
   NPN Silicon Epitaxial Planar Transistors
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013 Datasheet
149Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Kingtronics Internation...
MMBT9013 KINGTRONICS-MMBT9013 Datasheet
327Kb / 2P
   For switching and amplifier applications
logo
Nanjing International G...
MMBT9013 DGNJDZ-MMBT9013 Datasheet
89Kb / 2P
   NPN Silicon Epitaxial Planar Transistors
logo
ARTSCHIP ELECTRONICS CO...
MMBT9013 ARTSCHIP-MMBT9013 Datasheet
722Kb / 4P
   1W OUTPUT AMPLIFIER
More results

Podobny opis - MMBT9013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SS9013 FAIRCHILD-SS9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
2SC9013 ETC-2SC9013 Datasheet
81Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
MMBT9012 UTC-MMBT9012 Datasheet
99Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
9013 UTC-9013_2 Datasheet
110Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9013 UTC-MMBT9013_11 Datasheet
149Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com