Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7904UPBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF7904UPBF
Szczegółowy opis  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7904UPBF Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRF7904UPBF Datasheet HTML 2Page - International Rectifier IRF7904UPBF Datasheet HTML 3Page - International Rectifier IRF7904UPBF Datasheet HTML 4Page - International Rectifier IRF7904UPBF Datasheet HTML 5Page - International Rectifier IRF7904UPBF Datasheet HTML 6Page - International Rectifier IRF7904UPBF Datasheet HTML 7Page - International Rectifier IRF7904UPBF Datasheet HTML 8Page - International Rectifier IRF7904UPBF Datasheet HTML 9Page - International Rectifier IRF7904UPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7904UPbF
6
www.irf.com
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temp.
Fig 20. Maximum Drain Current vs. Ambient Temp.
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
TJ , Ambient Temperature (°C)
0
2
4
6
8
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.0
1.4
1.8
2.2
2.6
ID = 250µA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
600
I D
TOP
0.34A
0.48A
BOTTOM
6.1A
25
50
75
100
125
150
TJ , Ambient Temperature (°C)
0
2
4
6
8
10
12
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.0
1.4
1.8
2.2
ID = 250µA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
I D
TOP
0.57A
0.77A
BOTTOM
8.8A


Podobny numer części - IRF7904UPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
IRF7904PBF IRF-IRF7904PBF Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7904PBF-1 IRF-IRF7904PBF-1 Datasheet
313Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7904PBF-1 IRF-IRF7904PBF-1_15 Datasheet
313Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
More results

Podobny opis - IRF7904UPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com