Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZN458 Arkusz danych(PDF) 1 Page - Zarlink Semiconductor Inc

Numer części ZN458
Szczegółowy opis  2.45V PRECISION REFERENCE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZN458 Arkusz danych(HTML) 1 Page - Zarlink Semiconductor Inc

  ZN458 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZN458
2.45V PRECISION REFERENCE REGULATOR
The ZN458 is a monolithic integrated circuit providing a
precise stable reference source of 2.45V in a two lead pack-
age without the need for an external shaping capacitor.
FEATURES
s
Guaranteed 5mV Maximum Deviation over Full
Temperature Range
s
Low Temperature Coefficient 0.003%/
°C
s
Low Slope Resistance - 0.1 Ohms
s
Very Good Long Term Stability - 10ppm
s
Low Noise - 10 microvolts
s
Internally Shaped
s
Tight Tolerance
±1.43%
s
Two Pin Package
s
Wide Operating Current 2-120mA
ABSOLUTE MAXIMUM RATINGS
Dissipation
300mW
Operating temperature range
-20
°C to +70°C
Storage temperature range
-55
°C to +150°C
DS3025 - 2.1
ORDERING INFORMATION
ZN458
ZN458A
ZN458B
99
49
29
TC
(ppm/
°C)
-20
°C to +70°C
-20
°C to +70°C
-20
°C to +70°C
Device
Temperature
range
-VE
+VE
CM2
Fig.1 Pin connection - bottom view
Fig.2 Circuit diagram
AV
-VE
+VE
BAND
GAP
REFERENCE
GND
R
R =
VS
VREF
VS - VREF
IREF


Podobny numer części - ZN458

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
ZN459CP ETC1-ZN459CP Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
More results

Podobny opis - ZN458

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com