Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZN458 Arkusz danych(PDF) 2 Page - Zarlink Semiconductor Inc

Numer części ZN458
Szczegółowy opis  2.45V PRECISION REFERENCE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZN458 Arkusz danych(HTML) 2 Page - Zarlink Semiconductor Inc

  ZN458 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZN458 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZN458
2
ELECTRICAL CHARACTERISTICS (at T
amb = 25°C unless otherwise specified)
Output voltage
Slope resistance
Reference current
Maximum change
ZN458
in V
REF
ZN458A
ZN458B
RMS noise voltage 1Hz-10kHz
V
REF drift at 70°C
V
REF
R
REF
I
REF
∆V
REF
2.42
-
2.0
-
-
-
-
-
2.45
0.1
-
10
6
4
10
±10
2.49
0.2
120
22
11
6.5
-
-
V
mA
mV
mV
µV
ppm/1000
hours
Measured at 2mA
-20 to +70
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test conditions
10
1.0
0.1
0.1
1.0
10
100
FREQUENCY (kHz)
IREF = 2mA
IREF = 20mA
Fig.3 Dynamic impedance


Podobny numer części - ZN458

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
ZN459CP ETC1-ZN459CP Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
More results

Podobny opis - ZN458

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com