Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HAT2195R Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części HAT2195R
Szczegółowy opis  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2195R Arkusz danych(HTML) 6 Page - Renesas Technology Corp

  HAT2195R Datasheet HTML 1Page - Renesas Technology Corp HAT2195R Datasheet HTML 2Page - Renesas Technology Corp HAT2195R Datasheet HTML 3Page - Renesas Technology Corp HAT2195R Datasheet HTML 4Page - Renesas Technology Corp HAT2195R Datasheet HTML 5Page - Renesas Technology Corp HAT2195R Datasheet HTML 6Page - Renesas Technology Corp HAT2195R Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HAT2195R
Rev.3.00, Apr.01.2004, page 6 of 6
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-8DA
Conforms
0.085 g
*Dimension including the plating thickness
Base material dimension
4.90
0.25
0.15
0˚ – 8˚
M
8
5
1
4
1.27
0.40 ± 0.06
*0.42 ± 0.08
5.3 Max
0.75 Max
0.60
+ 0.67
– 0.20
6.10
+ 0.10
– 0.30
1.08
As of January, 2003
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
HAT2195R-EL-E
2500pcs
Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Podobny numer części - HAT2195R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2195R-EL-E RENESAS-HAT2195R-EL-E Datasheet
108Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
More results

Podobny opis - HAT2195R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com