Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTE16246 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABTE16246
Szczegółowy opis  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTE16246 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74ABTE16246 Datasheet HTML 3Page - Texas Instruments SN74ABTE16246 Datasheet HTML 4Page - Texas Instruments SN74ABTE16246 Datasheet HTML 5Page - Texas Instruments SN74ABTE16246 Datasheet HTML 6Page - Texas Instruments SN74ABTE16246 Datasheet HTML 7Page - Texas Instruments SN74ABTE16246 Datasheet HTML 8Page - Texas Instruments SN74ABTE16246 Datasheet HTML 9Page - Texas Instruments SN74ABTE16246 Datasheet HTML 10Page - Texas Instruments SN74ABTE16246 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227J – JULY 1993 – REVISED AUGUST 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
extended switching characteristics over recommended ranges of supply voltage and operating
free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
LOAD
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
9B–11B
9A–11A
RX = 13 Ω
1.5
3.2
4
1.5
4.8
ns
tPHL
9B–11B
9A–11A
RX = 13 Ω
1.5
3.8
4.7
1.5
5.6
ns
tPHL
1B–8B
1A–8A
RX = 13 Ω
1.5
3.3
4.2
1.5
4.8
ns
tPLH
9B–11B
9A–11A
RX = 26 Ω
1.5
3.1
4
1.5
4.6
ns
tPHL
9B–11B
9A–11A
RX = 26 Ω
1.5
3.5
4.4
1.5
4.9
ns
tPHL
1B–8B
1A–8A
RX = 26 Ω
1.5
3.1
4
1.5
4.4
ns
tPLH
9B–11B
1A–8A
RX = 56 Ω
1.5
3
3.8
1.5
4.5
ns
tPHL
9B–11B
1A–8A
RX = 56 Ω
1.5
3.3
4.2
1.5
4.7
ns
tPHL
1B–8B
1A–8A
RX = 56 Ω
1.5
3
4
1.5
4.4
ns
B
A
RX = Open
0.1
0.6
2
ns
tsk(p)
A
B
RX = Open
0.4
0.8
2
ns
tsk(p)
B
A
RX = 26 Ω
0.3
0.8
2
B
A
RX = Open
0.3
0.7
1.3
ns
tsk(o)
A
B
RX = Open
0.7
1.1
1.3
ns
tsk(o)
B
A
RX = 26 Ω
0.5
1
1.3
tt†
B
A
RX = 26 Ω
0.5
0.8
1.5
0.5
1.5
ns
tt‡
A
B
RX = Open
3.5
5.5
7.3
3.5
7.9
ns
† tt is measured between 1 V and 2 V of the output waveform.
‡ tt is measured between 10% and 90% of the output waveform.
extended output characteristics over recommended ranges of supply voltage and operating
free-air temperature, CL = 50 pF (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
LOAD
MIN
MAX
UNIT
tsk(temp)
A
B
VCC = constant,
2.5
ns
tsk(temp)
B
A
VCC = constant,
∆TA = 20°C
RX = 56 Ω
4
ns
tsk(load)
B
A
VCC = constant,
Temperature = constant
RX = 13, 26, or 56 Ω
4
ns


Podobny numer części - SN74ABTE16246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DGG TI-SN74ABTE16246DGG Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DL TI-SN74ABTE16246DL Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
More results

Podobny opis - SN74ABTE16246

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABTE16246 TI-SN54ABTE16246 Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245 Datasheet
157Kb / 1P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54ETL16245 NSC-54ETL16245 Datasheet
184Kb / 10P
   16-Bit Data Transceiver with Incident Wave Switching
logo
Texas Instruments
SN74ALS758 TI1-SN74ALS758 Datasheet
108Kb / 6P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVER WITH OPEN-COLLECTOR OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com