Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC141541 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC141541
Szczegółowy opis  Enhanced Monitor On-Screen Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141541 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC141541 Datasheet HTML 7Page - Motorola, Inc MC141541 Datasheet HTML 8Page - Motorola, Inc MC141541 Datasheet HTML 9Page - Motorola, Inc MC141541 Datasheet HTML 10Page - Motorola, Inc MC141541 Datasheet HTML 11Page - Motorola, Inc MC141541 Datasheet HTML 12Page - Motorola, Inc MC141541 Datasheet HTML 13Page - Motorola, Inc MC141541 Datasheet HTML 14Page - Motorola, Inc MC141541 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC141541
11
MOTOROLA
Although there are 24 character display registers that can
be programmed for each row, not every programmed charac-
ter can be shown on the screen in 320–dot resolution. Usual-
ly only 24 characters can be shown in this resolution at most.
This is induced by the time that is required to retrace the H
scan line. At 480–dot resolution, a total of 24 characters can
be displayed on the screen if the horizontal delay register is
set properly.
Figure 13 illustrates the timing of all output signals as a
function of window and fast–blanking features. Line 3 of all
three characters is used to illustrate the timing signals. The
shaded area depicts the window area. The characters on the
left and right appear identical except for the FBKGC bit. The
middle character does not have a window as its background.
Notice that signal HTONE/PWMCK is active only in the win-
dow area. Timing of the signal FBKG depends on the config-
uration of the FBKGC bit. The configuration of the FBKGC bit
affects only the FBKG signal timing; it has no effect on the
timing of HTONE/PWMCK. Waveform ‘R, G, or B’, which is
the actual waveform at R, G, or B pin, is the logical OR of
waveform ‘character R, G, or B’ and waveform ‘window R, G,
or B’. ‘Character R, G, or B’ and ‘window R, G, or B’ are inter-
nal signals for illustration purpose only. Also notice that
HTONE/PWMCK has exactly the same waveform as ‘win-
dow R, G, or B’.
Figure 13. Timing of Output Signals as a Function
of Window and FBKGC Bit Features
FONT
Icon Combination
MC141541 contains 120–character ROM and eight RAM.
The user can create an on–screen menu based on those
characters and programmable RAM. Refer to Table 3 for icon
combinations.
Table 3. Combination Map
ICON
ROM ADDRESS (HEX)
Volume Bar I
48, 49, 57
Volume Bar II
47
Size
4F, 50
Position
51, 52
Geometry
53, 54, 55, 56
Contrast
58,59
Brightness
5A, 5B
Horizontal Position
5C, 5D
Horizontal Sizing
5E, 5F
Vertical Position
60, 61
Vertical Sizing
62, 63
Pin Cushion
64, 65
Deguassing
66, 67
Trapezoid
6C, 6D, 6E, 6F
Parallelogram
68, 69, 6A, 6B
Color Select
70, 71
Video Level
72, 73
Input Select
74, 75
Recall
76,77
Save
78, 79
Left/Right Arrows
7A, 7B
INC/DEC sign
7C, 7D
Speaker
7E, 7F
ROM CONTENT
Figures 14 – 17 show the ROM content of MC141541.


Podobny numer części - MC141541

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141540P4 MOTOROLA-MC141540P4 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
MC141543P MOTOROLA-MC141543P Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
More results

Podobny opis - MC141541

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
   Enhanced On-Screen-Display Controller
logo
Motorola, Inc
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com