Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX646M1R Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części 74LCX646M1R
Szczegółowy opis  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX646M1R Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button 74LCX646M1R Datasheet HTML 5Page - STMicroelectronics 74LCX646M1R Datasheet HTML 6Page - STMicroelectronics 74LCX646M1R Datasheet HTML 7Page - STMicroelectronics 74LCX646M1R Datasheet HTML 8Page - STMicroelectronics 74LCX646M1R Datasheet HTML 9Page - STMicroelectronics 74LCX646M1R Datasheet HTML 10Page - STMicroelectronics 74LCX646M1R Datasheet HTML 11Page - STMicroelectronics 74LCX646M1R Datasheet HTML 12Page - STMicroelectronics 74LCX646M1R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
M74LCX646
10/13
WAVEFORM 3 : SETUP AND HOLD TIME, CAB, CBA MAXIMUM FREQUENCY (f=1MHz; 50% duty
cycle)
WAVEFORM 4 : PULSE WIDTH (f=1MHz; 50% duty cycle)


Podobny numer części - 74LCX646M1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX646MSA FAIRCHILD-74LCX646MSA Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646MSAX FAIRCHILD-74LCX646MSAX Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646MTC FAIRCHILD-74LCX646MTC Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646MTCX FAIRCHILD-74LCX646MTCX Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
More results

Podobny opis - 74LCX646M1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LCX652 STMICROELECTRONICS-74LCX652 Datasheet
387Kb / 16P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
74LCX646 STMICROELECTRONICS-74LCX646_04 Datasheet
418Kb / 16P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2245A IDT-IDT74LVC2245A Datasheet
68Kb / 7P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC16646A IDT-IDT74LVC16646A Datasheet
211Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCH16646A IDT-IDT74LVCH16646A Datasheet
118Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com