Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC141803 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC141803
Szczegółowy opis  LCD Segment / Common Driver with Controller CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141803 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC141803 Datasheet HTML 1Page - Motorola, Inc MC141803 Datasheet HTML 2Page - Motorola, Inc MC141803 Datasheet HTML 3Page - Motorola, Inc MC141803 Datasheet HTML 4Page - Motorola, Inc MC141803 Datasheet HTML 5Page - Motorola, Inc MC141803 Datasheet HTML 6Page - Motorola, Inc MC141803 Datasheet HTML 7Page - Motorola, Inc MC141803 Datasheet HTML 8Page - Motorola, Inc MC141803 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MC141803
3–313
MOTOROLA
LCD Segment / Common Driver
with Controller
CMOS
MC141803 is a CMOS LCD Driver which consists of 4 annunciator outputs
and 153 high voltage LCD driving signals (33 commons and 120 segments).
MC141803 is split common output design. It has parallel interface capability for
operating with general MCU. Besides the general LCD driver features, it has
an on chip LCD bias Voltage Generator circuit such that fewer external com-
ponents are required during application.
Single Supply Operation, 2.4 V - 3.5 V
Operating Temperature Range : -30 to 85
°C
Low Current Stand-by Mode (<500nA)
On Chip Bias Voltage Generator
8 Bit Parallel Interface
Graphic Mode Operation
On Chip 120 x 33 Graphic Display Data RAM
120 Segment Drivers, 33 Common Drivers
Selectable 1/16, 1/32, 1/33 Multiplex Ratio
Selectable on Chip Voltage Doubler and Tripler
Selectable 1:5 or 1:7 Bias Ratio
Re-mapping of Row and Column Drivers
Four Stand Alone Annunciator (Static Icon) Driver Circuits
Low Power Icon Mode Driven by Com32 in Special Driving Scheme
Selectable LCD Driving Voltage Temperature Coefficients
16 Level Internal Contrast Control
External Contrast Control Provided
Master Clear RAM
Standard TAB Package
ORDERING INFORMATION
MC141803T
TAB
TAB
MC141803T
REV 4
2/98
MC141803
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA


Podobny numer części - MC141803

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
   LCD Segment / Common Driver with Controller
More results

Podobny opis - MC141803

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com