Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DS1825 Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części DS1825
Szczegółowy opis  Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1825 Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  DS1825 Datasheet HTML 1Page - Maxim Integrated Products DS1825 Datasheet HTML 2Page - Maxim Integrated Products DS1825 Datasheet HTML 3Page - Maxim Integrated Products DS1825 Datasheet HTML 4Page - Maxim Integrated Products DS1825 Datasheet HTML 5Page - Maxim Integrated Products DS1825 Datasheet HTML 6Page - Maxim Integrated Products DS1825 Datasheet HTML 7Page - Maxim Integrated Products DS1825 Datasheet HTML 8Page - Maxim Integrated Products DS1825 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS1825 Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
4 of 21
OVERVIEW
Figure 1 shows a block diagram of the DS1825, and pin descriptions are given in Table 1. The 64-bit ROM stores
the device’s unique serial code. The scratchpad memory contains the 2-byte temperature register that stores the
digital output from the temperature sensor. In addition, the scratchpad provides access to the 1-byte upper and
lower alarm trigger registers (TH and TL), and the 1-byte configuration register. The configuration register allows the
user to set the resolution of the temperature-to-digital conversion to 9, 10, 11, or 12 bits. It is also used for the hard-
wired address programmed by the AD0-AD3 pins. The TH, TL, and configuration registers are NV (EEPROM), so
they will retain data when the device is powered down.
The DS1825 uses Dallas’ exclusive 1-Wire bus protocol that implements bus communication using one control
signal. The control line requires a weak pullup resistor since all devices are linked to the bus through a 3-state or
open-drain port (the DQ pin in the case of the DS1825). In this bus system, the microprocessor (the master device)
identifies and addresses devices on the bus using each device’s unique 64-bit code. Because each device has a
unique code, the number of devices that can be addressed on one bus is virtually unlimited. The 1-Wire bus
protocol, including detailed explanations of the commands and “time slots,” is covered in the 1-Wire BUS SYSTEM
section of this data sheet.
Another feature of the DS1825 is the ability to operate without an external power supply. Power is instead supplied
through the 1-Wire pullup resistor through the DQ pin when the bus is high. The high bus signal also charges an
internal capacitor (CPP), which then supplies power to the device when the bus is low. This method of deriving
power from the 1-Wire bus is referred to as “parasite power.” As an alternative, the DS1825 can also be powered
by an external supply on VDD.
Figure 1. DS1825 BLOCK DIAGRAM
Power
Supply
Sense
64-Bit ROM
And
1-wire Port
S
C
R
A
T
C
P
A
D
16-bit Temp Reg
8-bit TH Register
8-bit TL Register
8-bit Config. Reg
8-bit CRC Gen
Memory
Control Logic
VDD
GND
DQ
VPULLUP
AD0-AD3
4.7k
Parasite
Power
Circuit
Cpp
Address Pin
Input Latch


Podobny numer części - DS1825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
DS1821 DALLAS-DS1821 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
   Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Dallas Semiconductor
DS1821++ DALLAS-DS1821+ Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
More results

Podobny opis - DS1825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com