Zakładka z wyszukiwarką danych komponentów |
|
1PS301 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
1PS301 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 8 page 1999 May 06 2 Philips Semiconductors Product specification High-speed double diode 1PS301 FEATURES • Very small plastic SMD package • High switching speed: max. 4 ns • Continuous reverse voltage: max. 80 V • Repetitive peak reverse voltage: max. 85 V • Repetitive peak forward current: max. 500 mA. APPLICATIONS • High-speed switching in e.g. surface mounted circuits. DESCRIPTION The 1PS301 consists of two high-speed switching diodes with common cathodes, fabricated in planar technology, and encapsulated in the very small rectangular plastic SMD SC70-3 package. PINNING PIN DESCRIPTION 1 anode (a1) 2 anode (a2) 3 common cathode Fig.1 Simplified outline (SOT323; SC70-3) and symbol. Top view 21 3 MAM084 21 3 Marking code: B3. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). Note 1. Device mounted on an FR4 printed-circuit board. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT Per diode VRRM repetitive peak reverse voltage − 85 V VR continuous reverse voltage − 80 V IF continuous forward current single diode loaded; note 1; see Fig.2 − 250 mA double diode loaded; note 1; see Fig.2 − 160 mA IFRM repetitive peak forward current − 500 mA IFSM non-repetitive peak forward current square wave; Tj =25 °C prior to surge t=1 µs − 4A t=1s − 0.5 A Ptot total power dissipation Tamb =25 °C; note 1 − 300 mW Tstg storage temperature −65 +150 °C Tj junction temperature − 150 °C |
Podobny numer części - 1PS301 |
|
Podobny opis - 1PS301 |